Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2140H Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAT2140H
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2140H Datasheet(HTML) 6 Page - Renesas Technology Corp

  HAT2140H Datasheet HTML 1Page - Renesas Technology Corp HAT2140H Datasheet HTML 2Page - Renesas Technology Corp HAT2140H Datasheet HTML 3Page - Renesas Technology Corp HAT2140H Datasheet HTML 4Page - Renesas Technology Corp HAT2140H Datasheet HTML 5Page - Renesas Technology Corp HAT2140H Datasheet HTML 6Page - Renesas Technology Corp HAT2140H Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HAT2140H
Rev.2, Aug. 2002, page 4 of 5
Package Dimensions
0.25 M
4.9
5.3 Max
4.0 ± 0.2
14
5
3.3
0˚ – 8˚
0.20
+0.05
–0.03
0.25
+0.05
–0.03
1.27
0.40 ± 0.06
0.75 Max
0.10
Hitachi Code
JEDEC
JEITA
Mass (reference value)
LFPAK
0.080 g
As of January, 2002
Unit: mm


Similar Part No. - HAT2140H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2140H RENESAS-HAT2140H Datasheet
55Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
HAT2140H-EL-E RENESAS-HAT2140H-EL-E Datasheet
55Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
HAT2140H RENESAS-HAT2140H_05 Datasheet
55Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
HAT2140H RENESAS-HAT2140H_15 Datasheet
74Kb / 6P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2140H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com