Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC20012 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PC20012
Description  DIODE MODULE 200A/1200 to 1600V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC20012 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PC20012 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC20012 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PC20012 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC/PD20012/16 OUTLINE DRAWING (Dimensions in mm)
PC
PD


Similar Part No. - PC20012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC20012 NIEC-PC20012 Datasheet
153Kb / 2P
   200A Avg 1200 1600 Volts
PC20012 NIEC-PC20012_1 Datasheet
153Kb / 2P
   200A Avg 1200 1600 Volts
More results

Similar Description - PC20012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH20012 NIEC-PCH20012 Datasheet
251Kb / 5P
   THYRISTOR MODULE 200A/1200 to 1600V
PD20116 NIEC-PD20116 Datasheet
176Kb / 6P
   DIODE MODULE - 200A/1600V
PC10012 NIEC-PC10012 Datasheet
219Kb / 3P
   DIODE MODULE 100A/1200 to 1600V
PC15012 NIEC-PC15012 Datasheet
217Kb / 3P
   DIODE MODULE 150A/1200 to 1600V
PC6012 NIEC-PC6012 Datasheet
213Kb / 3P
   DIODE MODULE 60A/1200 to 1600V
PT200S12 NIEC-PT200S12 Datasheet
133Kb / 3P
   DIODE MODULE 200A/1200V/1600V
logo
MacMic
MMK200T160UX6J MACMIC-MMK200T160UX6J Datasheet
264Kb / 4P
   1600V 200A Thyristor/Diode Module
logo
Nihon Inter Electronics...
PGH20016AM NIEC-PGH20016AM Datasheet
240Kb / 4P
   THYRISTOR MODULE 200A / 1600V
PDT20116 NIEC-PDT20116 Datasheet
329Kb / 9P
   THYRISTOR MODULE 200A / 1600V
PDT6012 NIEC-PDT6012 Datasheet
273Kb / 5P
   THYRISTOR MODULE 60A / 1200 to 1600V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com