Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62338P Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62338P
Description  8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62338P Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62338P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62338P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62338P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62338P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62338P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62338P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M62333P/FP
MITSUBISHI <STD. LINEAR ICs>
8-BIT 3CH I
2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
980714 rev.E ( / 6 )
M62338P/FP
MITSUBISHI ELECTRIC
TIMING CHART (MODEL)
With SCL at HIGH,SDA line goes from HIGH to LOW
•Start condition
With SCL at HIGH,SDA line goes from LOW to HIGH
•Stop condition
(Under normal circumstances,SDA is changed when SCL is LOW)
•Acknowledge bit
The receiving IC has to pull down SDA line whenever receive slave data.
(The transmitting IC releases the SDA line just then transmit 8bit data.)
Digital Data Formats
SUB ADDRESS n
A
DAC DATA n
A
STP
SUB ADDRESS 2 A
DAC DATA 2
A
STA
SLAVE ADDRESS
W
A
SUB ADDRESS 1
A
DAC DATA 1
A
SDA
SCL
12
A
3
4
5
6
7W
•start condition to slave address bite
start condition
SDA
SCL
D/A
output
12
A
3
4
5
6
7
8
•sub address bite
•DAC data bite to stop condition
stop condition
SDA
SCL
12
A
3
4
5
6
7
8
5
D/A
output
D/A
output


Similar Part No. - M62338P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62338P RENESAS-M62338P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62338P RENESAS-M62338P Datasheet
143Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
More results

Similar Description - M62338P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62333P RENESAS-M62333P_08 Datasheet
143Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62343P MITSUBISHI-M62343P Datasheet
25Kb / 5P
   8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com