Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCHMB50B12 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PCHMB50B12
Description  IGBT MODULE Chopper 50A 1200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PCHMB50B12 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PCHMB50B12 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PCHMB50B12 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PCHMB50B12 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PCHMB50B12
5
10
20
50
100
200
300
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG (Ω)
Fig.7- Series Gate Impedance vs. Switching Time (Typical)
VCC=600V
IC=50A
VGE=±15V
TC=25℃
tf
tr
ton
toff
0123
4
0
10
20
30
40
50
60
70
80
90
100
Forward Voltage VF (V)
Fig.8- Forward Characteristics of Free Wheeling Diode
(Typical)
TC=25℃
TC=125℃
0
400
800
1200
1600
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
Collector to Emitter Voltage V CE (V)
Fig.10- Reverse Bias Safe Operating Area (Typical)
RG=20Ω
VGE=±15V
TC≦125℃
0
50
100
150
200
250
300
1
2
5
10
20
50
100
200
500
-di/dt (A/μs)
Fig.9- Reverse Recovery Characteristics (Typical)
IRrM
trr
IF=50A
TC=25℃
10
-5
10
-4
10
-3
10
-2
10
-1
110
2x10
-3
5x10
-3
10
-2
2x10
-2
5x10
-2
10
-1
2x10
-1
5x10
-1
1
2
5
Time t (s)
fig11-Tansient Thermal Impedance
Tc=25℃
1 Shot
IGBT
FRD
1


Similar Part No. - PCHMB50B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB50B12 NIEC-PCHMB50B12 Datasheet
200Kb / 3P
   50A 1200V
PCHMB50B12A NIEC-PCHMB50B12A Datasheet
120Kb / 3P
   IGBT MODULE Chopper 50A 1200V
PCHMB50B12A NIEC-PCHMB50B12A Datasheet
200Kb / 3P
   50A 1200V
PCHMB50B12A NIEC-PCHMB50B12A_1 Datasheet
200Kb / 3P
   50A 1200V
logo
National Instruments Co...
PCHMB50B12A NI-PCHMB50B12A_15 Datasheet
200Kb / 3P
   竊뺧폁 竊∽펽竊묕폃竊먲폁竊
More results

Similar Description - PCHMB50B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB50B12 NIEC-PRHMB50B12 Datasheet
120Kb / 3P
   IGBT MODULE Chopper 50A 1200V
PRHMB50B12A NIEC-PRHMB50B12A Datasheet
120Kb / 3P
   IGBT MODULE Chopper 50A 1200V
PCHMB50B12A NIEC-PCHMB50B12A Datasheet
120Kb / 3P
   IGBT MODULE Chopper 50A 1200V
logo
Fuji Electric
7MBI50N-120 FUJI-7MBI50N-120 Datasheet
198Kb / 8P
   IGBT MODULE(1200V,50A)
logo
MacMic
MMG50S120B6HN MACMIC-MMG50S120B6HN Datasheet
451Kb / 5P
   1200V 50A IGBT Module
MMG50S120UA6TN MACMIC-MMG50S120UA6TN Datasheet
429Kb / 5P
   1200V 50A IGBT Module
logo
Littelfuse
MG1250S-BA1MM LITTELFUSE-MG1250S-BA1MM Datasheet
1Mb / 6P
   1200V 50A IGBT Module
logo
MacMic
MMG50J120UZ MACMIC-MMG50J120UZ Datasheet
535Kb / 4P
   1200V 50A IGBT Module
MMG50J120UZ6TC MACMIC-MMG50J120UZ6TC Datasheet
462Kb / 4P
   1200V 50A IGBT Module
MMG50S120B6UC MACMIC-MMG50S120B6UC Datasheet
338Kb / 6P
   1200V 50A IGBT Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com