Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCHMB50B12A Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PCHMB50B12A
Description  IGBT MODULE Chopper 50A 1200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PCHMB50B12A Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PCHMB50B12A Datasheet HTML 1Page - Nihon Inter Electronics Corporation PCHMB50B12A Datasheet HTML 2Page - Nihon Inter Electronics Corporation PCHMB50B12A Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IGBT MODULE
MODULE
MODULE
MODULE Chopper 50A 1200V
Chopper 50A 1200V
Chopper 50A 1200V
Chopper 50A 1200V
PCHMB50B12A
PCHMB50B12A
PCHMB50B12A
PCHMB50B12A
CIRCUIT
OUTLINE DRAWING
MAXMUM RATINGS (Tc=25°C)
Item
Symbol
PCHMB50B12A
Unit
Collector-EmitterVoltage
VCES
1200
V
Gate -EmitterVoltage
VGES
+/ - 20
V
DC
IC
50
CollectorCurrent
1 ms
ICP
100
A
CollectorPowerDissipation
PC
250
W
Junction Temperature Range
Tj
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isolation Voltage Terminal to Base AC, 1 min.)
VISO
2500
V
Module Base to Heatsink
MountingTorque
Bus Bar to Main Terminals
FTOR
2
N
•m
ELECTRICAL CHARACTERISTICS (Tc=25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-EmitterCut-OffCurrent
ICES
VCE=1200V,VGE=0V
-
-
1.0
mA
Gate-EmitterLeakage Current
IGES
VGE=+/- 20V,VCE=0V
-
-
1.0
µA
Collector-EmitterSaturation Voltage
VCE(sat)
IC=50A,VGE=15V
-
1.9
2.4
V
Gate-EmitterThresholdVoltage
VGE(th)
VCE=5V,IC=50mA
4.0
-
8.0
V
InputCapacitance
Cies
VCE=10V,VGE=0V,f=1MHz
-
4200
-
pF
Rise Time
tr
-
0.25
0.45
Turn-on Time
ton
-
0.40
0.70
Fall Time
tf
-
0.25
0.35
SwitchingTime
Turn-off Time
toff
VCC=600V
RL= 12 ohm
RG= 20 ohm
VGE=+/- 15V
-
0.80
1.10
µs
FREE WHEELING DIODES RATINGS & CHARACTERISTICS (Tc=25°C)
Item
Symbol
Rated Value
Unit
DC
IF
50
ForwardCurrent
1 ms
IFM
100
A
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
PeakForward Voltage
VF
IF=50A,VGE=0V
-
1.9
2.4
V
Reverse RecoveryTime
trr
IF=50A,VGE=-10V,di/dt=100A/
µs
-
0.2
0.3
µs
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IGBT
-
-
0.43
Thermal Impedance
DIODE
Rth(j-c)
Junction to Case
-
-
0.7
°C/W
2-fasten-tabNo110
Dimension(mm)
Approximate Weight: 220g


Similar Part No. - PCHMB50B12A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB50B12A NIEC-PCHMB50B12A Datasheet
200Kb / 3P
   50A 1200V
PCHMB50B12A NIEC-PCHMB50B12A_1 Datasheet
200Kb / 3P
   50A 1200V
logo
National Instruments Co...
PCHMB50B12A NI-PCHMB50B12A_15 Datasheet
200Kb / 3P
   竊뺧폁 竊∽펽竊묕폃竊먲폁竊
More results

Similar Description - PCHMB50B12A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB50B12 NIEC-PRHMB50B12 Datasheet
120Kb / 3P
   IGBT MODULE Chopper 50A 1200V
PRHMB50B12A NIEC-PRHMB50B12A Datasheet
120Kb / 3P
   IGBT MODULE Chopper 50A 1200V
PCHMB50B12 NIEC-PCHMB50B12 Datasheet
120Kb / 3P
   IGBT MODULE Chopper 50A 1200V
logo
Fuji Electric
7MBI50N-120 FUJI-7MBI50N-120 Datasheet
198Kb / 8P
   IGBT MODULE(1200V,50A)
logo
MacMic
MMG50S120B6HN MACMIC-MMG50S120B6HN Datasheet
451Kb / 5P
   1200V 50A IGBT Module
MMG50S120UA6TN MACMIC-MMG50S120UA6TN Datasheet
429Kb / 5P
   1200V 50A IGBT Module
logo
Littelfuse
MG1250S-BA1MM LITTELFUSE-MG1250S-BA1MM Datasheet
1Mb / 6P
   1200V 50A IGBT Module
logo
MacMic
MMG50J120UZ MACMIC-MMG50J120UZ Datasheet
535Kb / 4P
   1200V 50A IGBT Module
MMG50J120UZ6TC MACMIC-MMG50J120UZ6TC Datasheet
462Kb / 4P
   1200V 50A IGBT Module
MMG50S120B6UC MACMIC-MMG50S120B6UC Datasheet
338Kb / 6P
   1200V 50A IGBT Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com