Part Name
         Description
2SB976

 Silicon PNP epitaxial planer type(For low-frequency output amplification) ( 2 Page)


PANASONIC
100% 
Zoom Out Zoom In
   
 2 page
background image
2
Transistor
2SB976
0
160
40
120
80
140
20
100
60
0
1.0
0.8
0.6
0.4
0.2
0.9
0.7
0.5
0.3
0.1
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
–6
–5
–4
–3
–2
–1
Ta=25˚C
–35mA
–30mA
–25mA
–20mA
–15mA
–10mA
–5mA
–1mA
I
B=–40mA
Collector to emitter voltage V
CE
(V)
0
–2.0
–1.6
– 0.4
–1.2
– 0.8
0
–12
–10
–8
–6
–4
–2
V
CE=–2V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
– 0.01
– 0.1
–10
–100
– 0.03
– 0.3
–30
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=30
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
0
1000
800
600
400
200
900
700
500
300
100
V
CE=–2V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
1
3
10
30
100
0
240
200
160
120
80
40
V
CB=–6V
Ta=25˚C
Emitter current I
E
(mA)
–1
–3
–10
–30
–100
0
200
160
120
80
40
180
140
100
60
20
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
PC — Ta
IC — VCE
IC —VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SB1438Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB1440Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB819Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 3 Panasonic Semiconductor
2SB1297Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB1446Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB766Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB767Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SD1011Silicon NPN epitaxial planer type For low-frequency amplification 1 2 Panasonic Semiconductor
2SB1398Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB1589Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl