Electronic Components Datasheet Search |
|
UPD78002Y Datasheet(PDF) 10 Page - NEC |
|
UPD78002Y Datasheet(HTML) 10 Page - NEC |
10 / 42 page 10 µPD780016Y, 780018Y 3.1 Port Pins (2/2) P50 to P57 P60 P61 P62 P63 P64 P65 P66 P67 P80 to P87 P90 P91 P92 P93 P94 P95 P100 P101 P102, P103 P110 P111 P112 P113-P115 P116 P117 P150-P156 Function Pin Name I/O Input/ output Port 5 8-bit input/output port LED can be driven directly. Input/output can be specified bit-wise. When used as an input port, on-chip pull-up resistor can be used by software. Input A8 to A15 — RD WR WAIT ASTB A0 to A7 SI4A SO4A SCK4A SI4B SO4B SCK4B TI5/TO5 TI6/TO6 — SI4C SO4C SCK4C — SDA SCL — Input/ output Port 11 8-bit input/output port Input/output can be specified bit-wise. When used as an input port, on-chip pull-up resistor can be used by software. Input Input/ output Port 8 8-bit input/output port Input/output can be specified bit-wise. When used as an input port, on-chip pull-up resistor can be used by software. Input Input/ output Port 6 8-bit input/ output port Input/output can be specified bit-wise. When used as an input port, on-chip pull-up resistor can be used by software. Input Alternate Function Pin After Reset Port 9 6-bit input/output port Input/output can be specified bit-wise. When used as an input port, on-chip pull-up resistor can be used by software. Input Input/ output Input/ output Port 10 4-bit input/output port Input/output can be specified bit-wise. When used as an input port, on-chip pull-up resistor can be used by software. Input Port 15 7-bit input/output port Input/output can be specified bit-wise. When used as an input port, on-chip pull-up resistor can be used by software. Input/ output Input |
Similar Part No. - UPD78002Y |
|
Similar Description - UPD78002Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |