Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780034Y Datasheet(PDF) 4 Page - NEC

Part # UPD780034Y
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780034Y Datasheet(HTML) 4 Page - NEC

  UPD780034Y Datasheet HTML 1Page - NEC UPD780034Y Datasheet HTML 2Page - NEC UPD780034Y Datasheet HTML 3Page - NEC UPD780034Y Datasheet HTML 4Page - NEC UPD780034Y Datasheet HTML 5Page - NEC UPD780034Y Datasheet HTML 6Page - NEC UPD780034Y Datasheet HTML 7Page - NEC UPD780034Y Datasheet HTML 8Page - NEC UPD780034Y Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
µPD780016Y, 780018Y
Internal
ROM
48K bytes
60K bytes
memory
Internal high-speed RAM
1024 bytes
Buffer RAM
32 butes
Internal expansion RAM
1024 bytes
Memory space
64K bytes
General registers
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Instruction cycle
On-chip instruction execution time selective function
When main system clock selected
0.4
µs/0.8 µs/1.6 µs/3.2 µs/6.4 µs (at 5.0 MHz)
When subsystem clock selected
122
µs (at 32.768 kHz)
Instruction set
• 16-bit operation
• Multiplcation/division (8 bits
× 8 bits,16 bits ÷ 8 bits)
• Bit manipulation (set, reset, test, boolean operation)
• BCD adjustment, etc.
I/O ports
Total
: 88
• CMOS input
:
9
• CMOS I/O
: 79
A/D converter
• 8-bit resolution
× 8 channels
Serial interface
• 3-wire serial I/O mode (with automatic data transmit/receive function): 1 channel
• 3-wire serial I/O mode (with time division transfer function)
: 1 channel
•I2C bus mode (supporting multi-task)
: 1 channel
Timer
• 16-bit timer/event counter : 1 channel
• 8-bit timer/event counter : 4 channels
• Watch timer
: 1 channel
• Watchdog timer
: 1 channel
Timer output
5 (14-bit PWM output
× 1, 8-bit PWM output × 2)
Clock output
39.1 kHz, 78.1 kHz, 156 kHz, 313 kHz, 625 kHz, 1.25 MHz, 2.5 MHz, 5.0 MHz
(at main system clock of 5.0 MHz)
32.768 kHz (at subsystem clock of 32.768 kHz)
Buzzer output
2.4 kHz, 4.9 kHz, 9.8 kHz (at main system clock: at 5.0 MHz)
Vectored
Maskable
Internal : 12
interrupt
External : 7
sources
Non-maskable
Internal : 1
Software
1
Test input
Internal : 1
External : 1
Supply voltage
VDD = 2.7 to 5.5 V
Package
• 100-pin plastic QFP (14
× 20 mm)
OVERVIEW OF FUNCTION
Part Number
Item
µPD780016Y
µPD780018Y


Similar Part No. - UPD780034Y

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780034Y NEC-UPD780034Y Datasheet
1Mb / 25P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD780034Y

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com