Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1507CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL1507CS
Description  Medium Power Differential Line Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1507CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL1507CS Datasheet HTML 1Page - Intersil Corporation EL1507CS Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN7013.1
EL1507
Medium Power Differential Line Driver
The EL1507 is a very low power dual operational amplifier
designed for central office and customer premise line driving
for DMT ADSL solutions. This device features a high drive
capability of 400mA while consuming only 7.5mA of supply
current per amplifier from ±12V supplies. This driver
achieves a typical distortion of less than -75dBc, at 1MHz
into a 50
Ω load. The EL1507 is available in the thermally-
enhanced 16-pin SO package, as well as a 16-pin QFN
package. Both are specified for operation over the full
-40°C to +85°C temperature range.
The EL1507 has two control pins, C0 and C1. With the
selection of C0 and C1, the device can be set into full-IS
power, ¾-IS power, ½-IS power, and power down disable
modes. The EL1507 maintains excellent distortion and load
driving capabilities even in the lowest power settings.
Features
• Drives 360mA at 16VP-P on ±12V supplies
•40VP-P differential output drive into 100Ω
• -75dBc typical driver output distortion driving 50
Ω at 1MHz
and ½-IS bias current
• Low quiescent current of 3.5mA per amplifier in ½-IS
mode
• Power down disable mode
Pb-Free available (RoHS compliant)
Applications
• ADSL G.DMT and G.lite CO line driving
• G.SHDSL, HDSL2 line driver
• ADSL CPE line driving
• Video distribution amplifier
• Video twisted-pair line driver
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL1507CS
16-Pin SO
-
MDP0027
EL1507CS-T7
16-Pin SO
7”
MDP0027
EL1507CS-T13
16-Pin SO
13”
MDP0027
EL1507CSZ
( See Note)
16-Pin SO
(Pb-free)
-
MDP0027
EL1507CSZ-T7
(See Note)
16-Pin SO
(Pb-free)
7”
MDP0027
EL1507CSZ-T13
(See Note)
16-Pin SO
(Pb-free)
13”
MDP0027
EL1507CL
16-Pin QFN
-
MDP0046
EL1507CL-T7
16-Pin QFN
7”
MDP0046
EL1507CL-T13
16-Pin QFN
13”
MDP0046
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
February 9, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2001, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Get FULL DATASHEET


Similar Part No. - EL1507CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1507CS ELANTEC-EL1507CS Datasheet
151Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1507CS INTERSIL-EL1507CS Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1507CS RENESAS-EL1507CS Datasheet
830Kb / 16P
   Medium Power Differential Line Driver
March 26, 2007
logo
Intersil Corporation
EL1507CS-T13 INTERSIL-EL1507CS-T13 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1507CS-T13 RENESAS-EL1507CS-T13 Datasheet
830Kb / 16P
   Medium Power Differential Line Driver
March 26, 2007
More results

Similar Description - EL1507CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
   Medium Power Differential Line Driver
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
   Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
   Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
   Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
   Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1511C ELANTEC-EL1511C Datasheet
139Kb / 2P
   Medium Power Differential Line Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com