Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX1N6315 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTX1N6315
Description  500mW ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N6315 Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTX1N6315 Datasheet HTML 1Page - Microsemi Corporation JANTX1N6315 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VZ2
VZ1
IZ2
ZZ
ZZK
IZM
VZ (reg)
IZSM
VR
IR1
IR2
ND
NOM.
MIN.
TEST
@
@
SURGE
@
@
@250 µA
TYPE
±5% @
@IZ1
CURRENT
IZ2
250µ A
VZ
25ºC
TA=
1-3 kHz
IZ2
250µ A
(1)
150ºC
VOLTS
VOLTS
mA
OHMS
OHMS
mA
VOLTS
AMPS
VOLTS
µ A
µ A
µ V/ Hz
1N6309
2.4
1.1
20
30
1200
177
1.5
2.5
1.0
100
200
1.0
1N6310
2.7
1.2
20
30
1300
157
1.5
2.2
1.0
60
150
1.0
1N6311
3.0
1.3
20
29
1400
141
1.5
2.0
1.0
30
100
1.0
1N6312
3.3
1.5
20
24
1400
128
1.6
1.8
1.0
5.0
20
1.0
1N6313
3.6
1.8
20
22
1400
117
1.6
1.65
1.0
3.0
12
1.0
1N6314
3.9
2.0
20
20
1700
108
1.6
1.5
1.0
2.0
12
1.0
1N6315
4.3
2.4
20
18
1400
99
0.9
1.4
1.0
2.0
12
1.0
1N6316
4.7
2.8
20
16
1500
90
0.5
1.27
1.5
5.0
12
1.0
1N6317
5.1
3.3
20
14
1300
83
0.4
1.17
2.0
5.0
12
1.0
1N6318
5.6
4.3
20
8.0
1200
76
0.4
1.10
2.5
5.0
10
2.0
1N6319
6.2
5.2
20
3.0
800
68
0.3
0.97
3.5
5.0
10
5.0
1N6320
6.8
6.0
20
3.0
400
63
0.35
1.23
4.0
2.0
50
5.0
DESIGN DATA
CASE: Hermetically sealed, Glass “D”
Body per MIL-PRF- 19500/533. D-5D
LEAD MATERIAL: Copper clad steel
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJL): 250
°C/W maximum
THERMAL IMPEDANCE: (ZOJX): 15
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any
FIGURE 1
0.056/0.075
1.42/1.91
0.140/0.180
3.55/4.57
1.00
25.4
0.018/0.022
0.46/0.56
POLARITY
BAND
(CATHODE)
69
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (781) 689-0803
WEBSITE: http://www.microsemi.com
• AVAILABLE IN
JAN, JANTX, JANTXV, AND JANS
PER MIL-PRF-19500/533
• 500 mW ZENER DIODES
• NON CAVITY CONSTRUCTION
• METALLURGICALLY BONDED
1N6309
THRU
1N6320
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
Power Dissapation: 500 mW @ TL=+75°C @ L=
3/
8”
Power Derating: 5mW/°C above TL=+75°C
Forward Voltage: 1.4V dc @ IF=1A dc (Pulsed)
NOTE 1
VZ = VZ @ 20 mAdc minus VZ @ 2 mAdc


Similar Part No. - JANTX1N6315

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N6315 MICROSEMI-JANTX1N6315 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
More results

Similar Description - JANTX1N6315

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Seme LAB
1N6309BD2A SEME-LAB-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
BZS55C2V4 TSC-BZS55C2V4 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com