Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD15116 Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # PD15116
Description  DIODE MODULE - 150A/1600V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD15116 Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  PD15116 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD15116 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD15116 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PD15116 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PD15116 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PD15116 Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AVERAGE FORWARD POWER DISSIPATION
0
40
80
120
160
200
240
AVERAGE FORWARD CURRENT (A)
0
40
80
120
160
200
240
PD15116 (Per 1 Arm.)
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
3PHASE
6PHASE
D.C.
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
PD15116 (Per 1 Arm.)
0
25
50
75
100
125
150
CASE TEMPERATURE (°C)
0
40
80
120
160
200
240
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
3PHASE
6PHASE
D.C.
AVERAGE FORWARD POWER DISSIPATION
0
40
80
120
160
200
240
AVERAGE FORWARD CURRENT (A)
0
40
80
120
160
200
240
PD15116 (Per 1 Arm.)
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
3PHASE
6PHASE
D.C.
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
PD15116 (Per 1 Arm.)
0
25
50
75
100
125
150
CASE TEMPERATURE (°C)
0
40
80
120
160
200
240
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
3PHASE
6PHASE
D.C.


Similar Part No. - PD15116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD15116 NIEC-PD15116 Datasheet
26Kb / 1P
   150A Avg 1600 Volts
logo
Kyocera Kinseki Corpota...
PD15116 KSS-PD15116 Datasheet
733Kb / 5P
   Diode
logo
Nihon Inter Electronics...
PD15116 NIEC-PD15116_1 Datasheet
26Kb / 1P
   150A Avg 1600 Volts
logo
National Instruments Co...
PD15116 NI-PD15116_15 Datasheet
26Kb / 1P
   DIODE
More results

Similar Description - PD15116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT150S12 NIEC-PT150S12 Datasheet
127Kb / 3P
   DIODE MODULE 150A/1200V/1600V
PC15012 NIEC-PC15012 Datasheet
217Kb / 3P
   DIODE MODULE 150A/1200 to 1600V
PDT15116 NIEC-PDT15116 Datasheet
323Kb / 9P
   THYRISTOR MODULE 150A / 1600V
logo
MacMic
MMK150T160UX MACMIC-MMK150T160UX Datasheet
742Kb / 5P
   1600V 150A Three Phase DiodeThyristor Module
logo
Micross Components
MIMMD150F160X MICROSS-MIMMD150F160X Datasheet
1Mb / 2P
   1600V 150A Rectifier Module RoHS Compliant
MIMMK150T160UX MICROSS-MIMMK150T160UX Datasheet
2Mb / 4P
   1600V 150A thyristor Module RoHS Compliant
logo
Nihon Inter Electronics...
PCH15012 NIEC-PCH15012 Datasheet
255Kb / 5P
   THYRISTOR MODULE 150A/1200 to 1600V
logo
Shindengen Electric Mfg...
MG038D150160A SHINDENGEN-MG038D150160A Datasheet
437Kb / 3P
   Bridge Diodes 1600V, 150A
logo
Nihon Inter Electronics...
PT50S16 NIEC-PT50S16 Datasheet
50Kb / 5P
   DIODE MODULE 50A /1600V
logo
Fuji Electric
6RI100P-160 FUJI-6RI100P-160 Datasheet
151Kb / 3P
   Diode Module 1600V / 100A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com