Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYGT670-L+K Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LYGT670-L+K
Description  Multi TOPLED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYGT670-L+K Datasheet(HTML) 5 Page - OSRAM GmbH

  LYGT670-L+K Datasheet HTML 1Page - OSRAM GmbH LYGT670-L+K Datasheet HTML 2Page - OSRAM GmbH LYGT670-L+K Datasheet HTML 3Page - OSRAM GmbH LYGT670-L+K Datasheet HTML 4Page - OSRAM GmbH LYGT670-L+K Datasheet HTML 5Page - OSRAM GmbH LYGT670-L+K Datasheet HTML 6Page - OSRAM GmbH LYGT670-L+K Datasheet HTML 7Page - OSRAM GmbH LYGT670-L+K Datasheet HTML 8Page - OSRAM GmbH LYGT670-L+K Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet
5
1999-06-30
Opto Semiconductors
LSG T670, LSP T670, LSY T670, LOP T670, LYG T670, LYP T670
Kennwerte (
T
A = 25 ˚C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Ein-
heit
Unit
LS
LO
LG
LP
LY
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F = 10 mA
λ
peak
635
610
565
557
586
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 10 mA
λ
dom
628
605
570
560
590
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
(typ.)
I
F = 10 mA
∆λ
45
40
25
22
45
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
Viewing angle at 50 %
I
V
2
ϕ
120
120
120
120
120
Grad
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 10 mA
V
F
V
F
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Kapazität
(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
0
12
8
151510pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %
(typ.)
I
V from 90 % to 10 %
(typ.)
I
F = 100 mA, tp = 10 µs, RL = 50 Ω
t
r
t
f
300
150
450
200
450
200
450
200
300
150
ns
ns


Similar Part No. - LYGT670-L+K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYGT67K OSRAM-LYGT67K Datasheet
548Kb / 18P
   indoor and outdoor displays
LYGT67K-JL-1+HK-1 OSRAM-LYGT67K-JL-1+HK-1 Datasheet
548Kb / 18P
   indoor and outdoor displays
LYGT67K-JL-1-HK-1 OSRAM-LYGT67K-JL-1-HK-1 Datasheet
548Kb / 18P
   white PLCC-4 package
More results

Similar Description - LYGT670-L+K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
   Multi TOPLED
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
   Multi TOPLED
logo
OSRAM GmbH
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
SFH331 OSRAM-SFH331_01 Datasheet
131Kb / 8P
   SMT Multi TOPLED
logo
Siemens Semiconductor G...
SFH331 SIEMENS-SFH331 Datasheet
54Kb / 7P
   SMT Multi TOPLED
LOGT671 SIEMENS-LOGT671 Datasheet
486Kb / 7P
   Multi TOPLED Bright Green Die
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSGT677 SIEMENS-LSGT677 Datasheet
484Kb / 7P
   Multi TOPLED Cathodes On One Side
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com