Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOPT670-J+H Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LOPT670-J+H
Description  Multi TOPLED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOPT670-J+H Datasheet(HTML) 6 Page - OSRAM GmbH

  LOPT670-J+H Datasheet HTML 1Page - OSRAM GmbH LOPT670-J+H Datasheet HTML 2Page - OSRAM GmbH LOPT670-J+H Datasheet HTML 3Page - OSRAM GmbH LOPT670-J+H Datasheet HTML 4Page - OSRAM GmbH LOPT670-J+H Datasheet HTML 5Page - OSRAM GmbH LOPT670-J+H Datasheet HTML 6Page - OSRAM GmbH LOPT670-J+H Datasheet HTML 7Page - OSRAM GmbH LOPT670-J+H Datasheet HTML 8Page - OSRAM GmbH LOPT670-J+H Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet
6
1999-06-30
Opto Semiconductors
LSG T670, LSP T670, LSY T670, LOP T670, LYG T670, LYP T670
Relative spektrale Emission
I
rel = f (λ), TA = 25 ˚C, IF = 10 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic
rel
λ
OHL01698
100
400
450
500
550
600
650
700
nm
Ι
80
60
40
20
0
%
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - LOPT670-J+H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LOPT670-FJ SIEMENS-LOPT670-FJ Datasheet
491Kb / 8P
   Multi TOPLED
LOPT670-G SIEMENS-LOPT670-G Datasheet
491Kb / 8P
   Multi TOPLED
LOPT670-GK SIEMENS-LOPT670-GK Datasheet
491Kb / 8P
   Multi TOPLED
LOPT670-H SIEMENS-LOPT670-H Datasheet
491Kb / 8P
   Multi TOPLED
More results

Similar Description - LOPT670-J+H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
   Multi TOPLED
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
   Multi TOPLED
logo
OSRAM GmbH
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
SFH331 OSRAM-SFH331_01 Datasheet
131Kb / 8P
   SMT Multi TOPLED
logo
Siemens Semiconductor G...
SFH331 SIEMENS-SFH331 Datasheet
54Kb / 7P
   SMT Multi TOPLED
LOGT671 SIEMENS-LOGT671 Datasheet
486Kb / 7P
   Multi TOPLED Bright Green Die
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSGT677 SIEMENS-LSGT677 Datasheet
484Kb / 7P
   Multi TOPLED Cathodes On One Side
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com