Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDMB300B12C Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PDMB300B12C
Description  IGBT MODULE Dual 300A 1200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDMB300B12C Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PDMB300B12C Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDMB300B12C Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDMB300B12C Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PDMB300B12C
0123
4
0
100
200
300
400
500
600
Forward Voltage VF (V)
Fig.8- Forward Characteristics of Free Wheeling Diode
(Typical)
TC=25℃
TC=125℃
0
400
800
1200
1600
0.1
0.2
0.5
1
2
10
20
50
100
200
500
1000
2000
5000
Collector to Emitter Voltage V CE (V)
Fig.10- Reverse Bias Safe Operating Area (Typical)
RG=1.3Ω
VGE=±15V
TC≦125℃
0.5
1
2
5
10
20
50
100
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG (Ω)
Fig.7- Series Gate Impedance vs. Switching Time (Typical)
VCC=600V
IC=300A
VGE=±15V
TC=25℃
tf
tr
ton
toff
0
600
1200
1800
2400
5
10
20
50
100
200
500
1000
-di/dt (A/μs)
Fig.9- Reverse Recovery Characteristics (Typical)
IRrM
trr
IF=300A
TC=25℃
10 -5
10 -4
10 -3
10 -2
10 -1
110 1
2x10 -4
5x10 -4
1x10 -3
2x10 -3
5x10 -3
1x10 -2
2x10 -2
5x10 -2
1x10 -1
2x10 -1
5x10 -1
Time t (s)
Fig.11- Transient Thermal Impedance
TC=25℃
1 Shot Pulse
FRD
IGBT


Similar Part No. - PDMB300B12C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB300B12C NIEC-PDMB300B12C Datasheet
213Kb / 3P
   300A, 1200V
More results

Similar Description - PDMB300B12C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB300B12 NIEC-PDMB300B12 Datasheet
116Kb / 3P
   IGBT MODULE Dual 300A 1200V
logo
Littelfuse
MG12300D-BA1MM LITTELFUSE-MG12300D-BA1MM Datasheet
1Mb / 6P
   1200V 300A IGBT Module
logo
MacMic
MMG300D120UA6TC MACMIC-MMG300D120UA6TC Datasheet
461Kb / 6P
   1200V 300A IGBT Module
MMG300D120B6UC MACMIC-MMG300D120B6UC Datasheet
1Mb / 6P
   1200V 300A IGBT Module
MMG300D120B6HN MACMIC-MMG300D120B6HN Datasheet
540Kb / 5P
   1200V 300A IGBT Module
MMG300K120U6HN MACMIC-MMG300K120U6HN Datasheet
554Kb / 5P
   1200V 300A IGBT Module
MMG300D120B6TN MACMIC-MMG300D120B6TN Datasheet
542Kb / 5P
   1200V 300A IGBT Module
logo
Littelfuse
MG12300WB-BN2MM LITTELFUSE-MG12300WB-BN2MM Datasheet
1Mb / 5P
   1200V 300A IGBT Module
logo
MacMic
MMG300D120B6TC MACMIC-MMG300D120B6TC Datasheet
689Kb / 6P
   1200V 300A IGBT Module
MMG300D120UA6TN MACMIC-MMG300D120UA6TN Datasheet
518Kb / 5P
   1200V 300A IGBT Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com