Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT8028C-024 Datasheet(PDF) 4 Page - Integral Corp.

Part # BT8028C-024
Description  SIMPLE MELODY GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

BT8028C-024 Datasheet(HTML) 4 Page - Integral Corp.

  BT8028C-024 Datasheet HTML 1Page - Integral Corp. BT8028C-024 Datasheet HTML 2Page - Integral Corp. BT8028C-024 Datasheet HTML 3Page - Integral Corp. BT8028C-024 Datasheet HTML 4Page - Integral Corp. BT8028C-024 Datasheet HTML 5Page - Integral Corp. BT8028C-024 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BT8028-xx
4
NEW EXT №
SONG LIST
SEC
24
BT8028C-024
Cuckoo Waltz 2
18
26
BT8028C-026
AZ1
44
27
BT8028C-027
Seven forty
28
28
BT8028C-028
AZ3
24
29
BT8028C-029
AZ4
26
30
BT8028C-030
IR1
34
31
BT8028C-031
Ginm Petersburg
53
32
BT8028C-032
Hymn of Russia
55
33
BT8028C-033
My Moscow
27
34
BT8028C-034
Home Sweet Home (Ver2, Shot)
32
35
BT8028C-035
Sound generator + Led driver
2 Hz
36
BT8028C-036
Varvara
19
43
BT8028C-043
Alexandra
45
44
BT8028C-044
IR2
27
45
BT8028C-045
For Elise 2
15
46
BT8028C-046
God Bless America
48
49
BT8028C-049
Gimn USA
64
50
BT8028C-050
Reg Time
20
51
BT8028C-051
It's Small World 2
21
52
BT8028C-052
AZ4-2
21
53
BT8028C-053
Car Alarm
10
57
BT8028C-057
Sound generator + Led driver
4 Hz
59
BT8028C-059
Day dream (Shuman)
67
60
BT8028C-060
Victory day
44
62
BT8028C-062
Oh! fighting Korea
34
63
BT8028C-063
Champion
24
64
BT8028C-064
March
32
67
BT8028C-067
Air Tale
20
70
BT8028C-070
Hymn of Ukraine
55
71
BT8028C-071
Metal
67
72
BT8028C-072
Pong


Similar Part No. - BT8028C-024

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
BT8028-XX IKSEMICON-BT8028-XX Datasheet
203Kb / 6P
   RC oscillator on chip
More results

Similar Description - BT8028C-024

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
M67 MICRO-ELECTRONICS-M67 Datasheet
50Kb / 2P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
FT66T-XX ETC2-FT66T-XX Datasheet
214Kb / 2P
   SIMPLE MELODY GENERATOR
UM338 ETC2-UM338 Datasheet
359Kb / 5P
   Simple Melody Generator
UM3161G ETC2-UM3161G Datasheet
94Kb / 1P
   Simple Melody Generator
logo
KODENSHI_AUK CORP.
KK8028-XX KODENSHI-KK8028-XX Datasheet
187Kb / 6P
   SIMPLE MELODY GENERATOR
logo
Micro Electronics
M66T MICRO-ELECTRONICS-M66T Datasheet
46Kb / 2P
   SIMPLE MELODY GENERATOR
M67T MICRO-ELECTRONICS-M67T Datasheet
46Kb / 2P
   SIMPLE MELODY GENERATOR
logo
UMC Corporation
UM66T UMC-UM66T Datasheet
288Kb / 4P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
BT66T ETC1-BT66T Datasheet
84Kb / 3P
   SIMPLE MELODY GENERATOR
logo
BOWIN ELECTRONIC CO.
UM66T-68L BOWIN-UM66T-68L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com