Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL4560N Datasheet(PDF) 1 Page - Integral Corp.

Part # IL4560N
Description  DUAL OPERATIONAL AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL4560N Datasheet(HTML) 1 Page - Integral Corp.

  IL4560N Datasheet HTML 1Page - Integral Corp. IL4560N Datasheet HTML 2Page - Integral Corp. IL4560N Datasheet HTML 3Page - Integral Corp. IL4560N Datasheet HTML 4Page - Integral Corp. IL4560N Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
DUAL OPERATIONAL AMPLIFIER
IL4560
GENERAL DESCRIPTION
ORDERING INFORMATION
IL4560N Plastic
IL4560D SOIC
TA = -40° to 85° C
for all packages.
The IL4560 integrated circuit is a high-gain, wide bandwidth, dual
operational amplifier capable of driving 20 V peak-to-peak into 400
Ω loads.
The IL4560 combines many of the features of the IL4558 as well as
providing the capability of wider bandwidth, and higher slew rate make the
IL4560 ideal for active filters, data and telecommunications, and many
instrumentation applications.
FEATURES
• Operating Voltage
(±4 V
∼ ±18 V)
• Wide Gain Bandwidth Product (10 MHz typ.)
• Slew Rate
(4 V/
µs typ.)
• Bipolar Technology
BLOCK DIAGRAM
A -INPUT
+
+
-
-
A +INPUT
B -INPUT
B +INPUT
1
2
3
6
5
7
A OUTPUT
B OUTPUT
PIN ASSIGNMENT
EQUIVALENT CIRCUIT (1/2 Show)
Output
V
V
-INPUT
+INPUT
+
-
1


Similar Part No. - IL4560N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL4560N IKSEMICON-IL4560N Datasheet
524Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
IL4560N IKSEMICON-IL4560N Datasheet
397Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - IL4560N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com