Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1008N Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PE1008N
Description  DIODE MODULE 100A/800V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PE1008N Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PE1008N Datasheet HTML 1Page - Nihon Inter Electronics Corporation PE1008N Datasheet HTML 2Page - Nihon Inter Electronics Corporation PE1008N Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - PE1008N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PE1008N NIEC-PE1008N Datasheet
156Kb / 2P
   100A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PE1008N KSS-PE1008N Datasheet
251Kb / 2P
   Diode
logo
Nihon Inter Electronics...
PE1008N NIEC-PE1008N_1 Datasheet
156Kb / 2P
   100A Avg 800 Volts
logo
National Instruments Co...
PE1008N NI-PE1008N_15 Datasheet
156Kb / 2P
   DIODE
More results

Similar Description - PE1008N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT1018 NIEC-PT1018 Datasheet
142Kb / 3P
   DIODE MODULE 100A/800V
PT100S8 NIEC-PT100S8 Datasheet
51Kb / 5P
   DIODE MODULE 100A/800V
PC1008 NIEC-PC1008 Datasheet
194Kb / 3P
   DIODE MODULE 100A/800V
PCH1008 NIEC-PCH1008 Datasheet
252Kb / 5P
   THYRISTOR MODULE 100A/800V
PGH1008AM NIEC-PGH1008AM Datasheet
239Kb / 4P
   THYRISTOR MODULE 100A / 800V
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
   THYRISTOR MODULE 100A / 800V
PT50S8 NIEC-PT50S8 Datasheet
50Kb / 5P
   DIODE MODULE 50A/800V
PT768 NIEC-PT768 Datasheet
137Kb / 3P
   DIODE MODULE 75A/800V
PC308 NIEC-PC308 Datasheet
189Kb / 3P
   DIODE MODULE 30A/800V
PC2008 NIEC-PC2008 Datasheet
204Kb / 3P
   DIODE MODULE 200A/800V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com