Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT8028C-032 Datasheet(PDF) 3 Page - Integral Corp.

Part # BT8028C-032
Description  SIMPLE MELODY GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

BT8028C-032 Datasheet(HTML) 3 Page - Integral Corp.

  BT8028C-032 Datasheet HTML 1Page - Integral Corp. BT8028C-032 Datasheet HTML 2Page - Integral Corp. BT8028C-032 Datasheet HTML 3Page - Integral Corp. BT8028C-032 Datasheet HTML 4Page - Integral Corp. BT8028C-032 Datasheet HTML 5Page - Integral Corp. BT8028C-032 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BT8028-xx
FOR SPEAKER
FOR PIEZO
1.5 V
-
+
-
+
V SS
V DD
R = 50
Ω
1.5 V
-
+
-
+
V SS
V DD
PI EZO
AVAILABLE SONG LIST
NEW EXT №
SONG LIST
SEC
1
BT8028C-001
For Elise
13
2
BT8028C-002
Staff WRK
20
3
BT8028C-003
Happy Birthday
13
4
BT8028C-004
Jingle Bell
12
5
BT8028C-005
It's Small World
21
6
BT8028C-006
3 Children Song
13
7
BT8028C-007
Cuocoo Waltz
10
8
BT8028C-008
London Bridge is Falling Down
16
9
BT8028C-009
Trains Running Fast
11
10
BT8028C-010
Love Me Tender Love Me True
38
11
BT8028C-011
Love Story
23
12
BT8028C-012
Old McDonald Had a Farm
25
13
BT8028C-013
Jingle Bell (Santa Claus Is Coming to Town)
28
14
BT8028C-014
You are My Sunshine
12
15
BT8028C-015
Santa Claus is Coming To Town
20
16
BT8028C-016
Silent Night
26
17
BT8028C-017
Twinkle Twinkle Little Star
14
18
BT8028C-018
Korean melody
29
19
BT8028C-019
Phone ringer
3
20
BT8028C-020
Three Little Pigs
18
21
BT8028C-021
MNA
38
22
BT8028C-022
NOV24 (Cuckoo Waltz)
20
23
BT8028C-023
Home Sweet Home
39
3


Similar Part No. - BT8028C-032

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
BT8028-XX IKSEMICON-BT8028-XX Datasheet
203Kb / 6P
   RC oscillator on chip
More results

Similar Description - BT8028C-032

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
M67 MICRO-ELECTRONICS-M67 Datasheet
50Kb / 2P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
FT66T-XX ETC2-FT66T-XX Datasheet
214Kb / 2P
   SIMPLE MELODY GENERATOR
UM338 ETC2-UM338 Datasheet
359Kb / 5P
   Simple Melody Generator
UM3161G ETC2-UM3161G Datasheet
94Kb / 1P
   Simple Melody Generator
logo
KODENSHI_AUK CORP.
KK8028-XX KODENSHI-KK8028-XX Datasheet
187Kb / 6P
   SIMPLE MELODY GENERATOR
logo
Micro Electronics
M66T MICRO-ELECTRONICS-M66T Datasheet
46Kb / 2P
   SIMPLE MELODY GENERATOR
M67T MICRO-ELECTRONICS-M67T Datasheet
46Kb / 2P
   SIMPLE MELODY GENERATOR
logo
UMC Corporation
UM66T UMC-UM66T Datasheet
288Kb / 4P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
BT66T ETC1-BT66T Datasheet
84Kb / 3P
   SIMPLE MELODY GENERATOR
logo
BOWIN ELECTRONIC CO.
UM66T-68L BOWIN-UM66T-68L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com