Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGH508AM Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PGH508AM
Description  THYRISTOR MODULE 50A / 800V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PGH508AM Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PGH508AM Datasheet HTML 1Page - Nihon Inter Electronics Corporation PGH508AM Datasheet HTML 2Page - Nihon Inter Electronics Corporation PGH508AM Datasheet HTML 3Page - Nihon Inter Electronics Corporation PGH508AM Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
• Thermal Characteristics
Characteristics
Symbol
Test Conditions
Maximum Value.
Unit
Peak Reverse Current *1
IRM
VRM= VRRM, Tj= 125
°C
10
mA
Peak Forward Voltage *1
VFM
IFM= 50A, Tj=25
°C
1.15
V
Thermal Resistance
Rth(j-c) Junction to Case (Total)
0.27
°C/W
*1 Value Per 1 Arm
Maximum Ratings
Grade
Parameter
Symbol
PGH508AM
Unit
Repetitive Peak Off-State Voltage
VDRM
800
Non Repetitive Peak Off-State Voltage
VDSM
900
V
Repetitive Peak Reverse Voltage
VRRM
800
Non Repetitive Peak Reverse Voltage
VRSM
900
V
Parameter
Conditions
Max Rated
Value
Unit
Surge On-State Current
ITSM
50 Hz Half Sine Wave,1Pulse
Non-Repetitive
600
A
I Squared t
I2t
2msec to 10msec
1800
A2s
Critical Rate of Turned-On Current
di/dt
VD=2/3VDRM, ITM=2IO, Tj=125
°C
IG=200mA, diG/dt=0.2A/
µs
100
A/
µs
Peak Gate Power
PGM
5
W
Average Gate Power
PG(AV)
1
W
Peak Gate Current
IGM
2
A
Peak Gate Voltage
VGM
10
V
Peak Gate Reverse Voltage
VRGM
5
V
Electrical
• Thermal Characteristics
Maximum Value.
Characteristics
Symbol
Test Conditions
Min. Typ. Max.
Unit
Peak Off-State Current
IDM
VDM= VDRM, Tj= 125
°C
15
mA
Peak Reverse Current
IRM
VRM= VRRM, Tj= 125
°C
15
mA
Peak On-State Voltage
VTM
ITM= 50A, Tj=25
°C
1.10
V
Tj=-40
°C
200
Tj=25
°C
100
Gate Current to Trigger
IGT
VD=6V,IT=1A
Tj=125
°C
50
mA
Tj=-40
°C
4
Tj=25
°C
2.5
Gate Voltage to Trigger
VGT
VD=6V,IT=1A
Tj=125
°C
2
V
Gate Non-Trigger Voltage
VGD
VD=2/3VDRM Tj=125
°C
0.25
V
Critical Rate of Rise of Off-State Voltage
dv/dt VD=2/3VDRM Tj=125
°C
500
V/
µs
Turn-Off Time
tq
ITM=IO,VD=2/3VDRM
dv/dt=20V/
µs, VR=100V
-di/dt=20A/
µs, Tj=125°C
150
µs
Turn-On Time
tgt
6
µs
Delay Time
td
2
µs
Rise Time
tr
VD=2/3VDRM Tj=125
°C
IG=200mA, diG/dt=0.2A/
µs
4
µs
Latching Current
IL
Tj=25
°C
100
mA
Holding Current
IH
Tj=25
°C
80
Thermal Resistance
Rth(j-c) Junction to Case
0.8
°C/W
Part of Thyristor (1 die)


Similar Part No. - PGH508AM

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH508AM NIEC-PGH508AM Datasheet
796Kb / 10P
   3-phase diode bridge plus thyristor
PGH508AM NIEC-PGH508AM Datasheet
236Kb / 3P
   50A Avg 800 Volts
PGH508AM NIEC-PGH508AM_1 Datasheet
236Kb / 3P
   50A Avg 800 Volts
logo
National Instruments Co...
PGH508AM NI-PGH508AM_15 Datasheet
236Kb / 3P
   THYRISTOR
More results

Similar Description - PGH508AM

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT50S8 NIEC-PT50S8 Datasheet
50Kb / 5P
   DIODE MODULE 50A/800V
PT508C NIEC-PT508C Datasheet
116Kb / 3P
   DIODE MODULE 50A/800V
PT518 NIEC-PT518 Datasheet
137Kb / 3P
   DIODE MODULE 50A/800V
PHT2508 NIEC-PHT2508 Datasheet
282Kb / 5P
   THYRISTOR MODULE 250A / 800V
PGH758AM NIEC-PGH758AM Datasheet
234Kb / 4P
   THYRISTOR MODULE 75A / 800V
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
   THYRISTOR MODULE 100A / 800V
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
   THYRISTOR MODULE 150A/800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
   THYRISTOR MODULE 200A / 800V
PHT4008 NIEC-PHT4008 Datasheet
289Kb / 5P
   THYRISTOR MODULE 400A / 800V
PCH608 NIEC-PCH608 Datasheet
248Kb / 5P
   THYRISTOR MODULE 60A/800V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com