Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGH5016AM Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # PGH5016AM
Description  THYRISTOR MODULE 50A / 1600V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PGH5016AM Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  PGH5016AM Datasheet HTML 1Page - Nihon Inter Electronics Corporation PGH5016AM Datasheet HTML 2Page - Nihon Inter Electronics Corporation PGH5016AM Datasheet HTML 3Page - Nihon Inter Electronics Corporation PGH5016AM Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - PGH5016AM

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH5016AM NIEC-PGH5016AM Datasheet
796Kb / 10P
   3-phase diode bridge plus thyristor
PGH5016AM NIEC-PGH5016AM Datasheet
232Kb / 3P
   50A Avg 1600 Volts
PGH5016AM NIEC-PGH5016AM_1 Datasheet
232Kb / 3P
   50A Avg 1600 Volts
logo
National Instruments Co...
PGH5016AM NI-PGH5016AM_15 Datasheet
232Kb / 3P
   THYRISTOR
More results

Similar Description - PGH5016AM

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT50S16 NIEC-PT50S16 Datasheet
50Kb / 5P
   DIODE MODULE 50A /1600V
PGH10016AM NIEC-PGH10016AM Datasheet
234Kb / 4P
   THYRISTOR MODULE 100A / 1600V
logo
MacMic
MMK90A160UA MACMIC-MMK90A160UA Datasheet
522Kb / 5P
   1600V 90A thyristor Module
logo
Nihon Inter Electronics...
PGH20016AM NIEC-PGH20016AM Datasheet
240Kb / 4P
   THYRISTOR MODULE 200A / 1600V
PGH7516AM NIEC-PGH7516AM Datasheet
233Kb / 4P
   THYRISTOR MODULE 75A / 1600V
logo
MacMic
MMK40A160B MACMIC-MMK40A160B Datasheet
400Kb / 5P
   1600V 40A thyristor Module
MMK40A160UA MACMIC-MMK40A160UA Datasheet
455Kb / 6P
   1600V 40A thyristor Module
logo
Nihon Inter Electronics...
PT5112 NIEC-PT5112 Datasheet
137Kb / 3P
   DIODE MODULE 50A/1200V/1600V
logo
MacMic
MMK110A160UA MACMIC-MMK110A160UA Datasheet
522Kb / 5P
   1600V 110A thyristor Module
MMK60A160B MACMIC-MMK60A160B Datasheet
348Kb / 5P
   1600V 60A thyristor Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com