Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM61300-5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PM61300-5
Description  SMT, CCFL Inverter Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PM61300-5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PM61300-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306 E. Alondra Blvd. Gardena, CA 90247-1059 • Phone (310) 515-1720 • FAX (310) 515-1962
wwww.jwmiller.com
11.1
SMT, CCFL Inverter Transformers
Special Features
• Power rating: 6 watts
• Operating frequency: 60KHz -/+25%
• Operating ambient temperature: 0 to +75 °C
• Storage temperature: -40 to +105 °C
• Dielectric withstanding voltage: 1500Vrms
• Packaged: Bulk
Typical Applications
• LCD flat panel displays
• Notebook / palmtop computers
• Portable instruments
• Retail terminals
Consult engineering for inverter circuit related
inductors selection.
PM61300 Series
Primary
Secondary
Part
Number
L (uH)
±10%
@ 10KHz
DCR
Max.
Voltage
(V)
DCR
Max.
Voltage
(V)
I,rms
(mA)
Turns
Ratio
PM61300-1
44
0.61
25
132
1300
70
50
PM61300-2
44
0.82
20
175
1300
70
67
PM61300-3
27
1.10
15
175
1300
70
86
PM61300-4
20
1.88
13
175
1300
70
100
PM61300-5
20
2.34
10.5
290
1300
70
125
Also available as RoHS compliant.
19.5
26.0
Max.
7.1 Max.
10.2 Ref. 16.5 Max.
2.54
Ref.
1
5
10
6
4
5
1
2
3
10
6
1/2 Primary
1/2 Primary
Feedback
High Voltage
Secondary
11.56
2.75
1.40
1.14
Pad Layout
26.50
Dimensions: mm


Similar Part No. - PM61300-5

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM61300-5 BOURNS-PM61300-5 Datasheet
171Kb / 1P
   Inverter Transformers
PM61300-5-RC BOURNS-PM61300-5-RC Datasheet
284Kb / 1P
   SMD CCFL Transformer
PM61300-5-RC BOURNS-PM61300-5-RC Datasheet
203Kb / 1P
   SMD CCFL Transformer
PM61300-5-RC BOURNS-PM61300-5-RC Datasheet
218Kb / 1P
   SMD CCFL Transformer
More results

Similar Description - PM61300-5

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
FL2015-7LB COILCRAFT-FL2015-7LB Datasheet
111Kb / 3P
   CCFL Transformers
FL2015-1L COILCRAFT-FL2015-1L Datasheet
123Kb / 3P
   CCFL Transformers
FL2015-1LB COILCRAFT-FL2015-1LB_16 Datasheet
113Kb / 3P
   CCFL Transformers
logo
Sanken electric
SCF-0272 SANKEN-SCF-0272 Datasheet
61Kb / 2P
   CCFL-Inverter
logo
Applied Concepts Inc.
ACB-12-1334 ACIPOWER-ACB-12-1334 Datasheet
108Kb / 1P
   CCFL INVERTER
ACJ-V3-1520 ACIPOWER-ACJ-V3-1520 Datasheet
1Mb / 2P
   CCFL INVERTER
ACL-12-1225 ACIPOWER-ACL-12-1225 Datasheet
124Kb / 2P
   CCFL INVERTER
ACL-12-1258 ACIPOWER-ACL-12-1258 Datasheet
90Kb / 1P
   CCFL INVERTER
ACQ-R1-1465 ACIPOWER-ACQ-R1-1465 Datasheet
1Mb / 2P
   CCFL INVERTER
AC5-12-1357 ACIPOWER-AC5-12-1357 Datasheet
92Kb / 1P
   CCFL INVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com