Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2T205 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # U2T205
Description  POWER DARINGTONS 10 Amp, 150V, Planar NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U2T205 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  U2T205 Datasheet HTML 1Page - List of Unclassifed Manufacturers U2T205 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - U2T205

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
U2T205 NJSEMI-U2T205 Datasheet
96Kb / 2P
   POWER DARLINGTONS
More results

Similar Description - U2T205

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SDT7601 NJSEMI-SDT7601 Datasheet
81Kb / 1P
   10 AMP SILICON PLANAR NPN POWER TRANSISTORS
logo
Diodes Incorporated
FMMT495 DIODES-FMMT495_16 Datasheet
485Kb / 7P
   150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT495 DIODES-FMMT495_15 Datasheet
209Kb / 7P
   150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT495 DIODES-FMMT495_12 Datasheet
209Kb / 7P
   150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FZT855 DIODES-FZT855_17 Datasheet
511Kb / 7P
   150V NPN MEDIUM POWER TRANSISTOR
logo
Rohm
2SC1652 ROHM-2SC1652 Datasheet
311Kb / 4P
   Medium Power Amp. Epitaxial Planar NPN Silicon Transistors
2SD1226M ROHM-2SD1226M Datasheet
207Kb / 3P
   Medium Power Amp. Epitaxial Planar NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
MJ431 NJSEMI-MJ431 Datasheet
83Kb / 2P
   10 Amp NPN Silicon Power Transistors 125W
logo
Micro Commercial Compon...
MJ413 MCC-MJ413 Datasheet
108Kb / 2P
   10 Amp NPN Silicon Power Transistors 125W
logo
Microsemi Corporation
2N2151 MICROSEMI-2N2151 Datasheet
69Kb / 3P
   5 Amp, 100V, Planar, NPN Power Transistors JAN, JANTX
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com