Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4735A Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 1N4735A
Description  SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N4735A Datasheet(HTML) 2 Page - Continental Device India Limited

  1N4735A Datasheet HTML 1Page - Continental Device India Limited 1N4735A Datasheet HTML 2Page - Continental Device India Limited 1N4735A Datasheet HTML 3Page - Continental Device India Limited 1N4735A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
1N4728A to 1N4762A
3.3V to 82V
DO-41
Glass Axial Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC VF <1.2V @ 200mA )
Device
VZT ** @ IZT
rzt **
IZT
rZK @IZK
Temp . Coeff
IR
VR
IZM
IZSM *
of
Nominal
MAX
MAX
Zener Voltage
Max
Max
Max
typ.
(V)
(
Ω)
(mA)
(
Ω)
(mA)
%/ ºC
(
µA)
(V)
(mA)
(mA)
1N4753A
36
50
7.0
1000
0.25
0.09
5
27.4
25
125
1N4754A
39
60
6.5
1000
0.25
0.09
5
29.7
23
115
1N4755A
43
70
6.0
1500
0.25
0.09
5
32.7
22
110
1N4756A
47
80
5.5
1500
0.25
0.09
5
35.8
19
95
1N4757A
51
95
5.0
1500
0.25
0.09
5
38.8
18
90
1N4758A
56
110
4.5
2000
0.25
0.09
5
42.6
16
80
1N4759A
62
125
4.0
2000
0.25
0.09
5
47.1
14
70
1N4760A
68
150
3.7
2000
0.25
0.09
5
51.7
13
65
1N4761A
75
175
3.3
2000
0.25
0.09
5
56.0
12
60
1N4762A
82
200
3.0
3000
0.25
0.09
5
62.2
11
55
Tolerance on Nominal VZ (1N4728A to1N4762A) A Suffix +/- 5% , No Suffix +/-10%
** Pulse Condition : 20ms tp<50ms, Duty Cycle<2%
* Rectangle wave form ( tp=10ms)
Continental Device India Limited
Data Sheet
Page 2 of 4


Similar Part No. - 1N4735A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4735A PHILIPS-1N4735A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4735A VISHAY-1N4735A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
SEMTECH ELECTRONICS LTD...
1N4735A SEMTECH_ELEC-1N4735A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
List of Unclassifed Man...
1N4735A ETC1-1N4735A Datasheet
16Kb / 1P
   Zener Diodes
logo
Thinki Semiconductor Co...
1N4735A THINKISEMI-1N4735A Datasheet
230Kb / 2P
   1.0 Watt DO-41G Hermetically Sealed Pkg Zener Diodes
More results

Similar Description - 1N4735A

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N4728A TEL-1N4728A Datasheet
162Kb / 3P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_13 Datasheet
279Kb / 7P
   1.0 Watt Glass Passivated Junction Silicon Zener Diodes
logo
Continental Device Indi...
1N4477 CDIL-1N4477 Datasheet
81Kb / 3P
   SILICON GLASS PASSIVATED 1.5 WATT ZENER DIODES
ZY75 CDIL-ZY75 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
Micro Commercial Compon...
ZMY75G MCC-ZMY75G Datasheet
128Kb / 3P
   Silicon 1.0 Watt Zener Diodes
logo
Motorola, Inc
1N3821 MOTOROLA-1N3821 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
First Silicon Co., Ltd
SMF4728A FS-SMF4728A Datasheet
145Kb / 4P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes , 1.0 Watt Steady State
logo
Leshan Radio Company
SZA6.8A LRC-SZA6.8A Datasheet
185Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SODZ5.1A-SH LRC-S-SODZ5.1A-SH Datasheet
1Mb / 11P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
SODZ5.1A-SH LRC-SODZ5.1A-SH Datasheet
1Mb / 11P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com