Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI306X Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SI306X
Description  GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI306X Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI306X Datasheet HTML 3Page - List of Unclassifed Manufacturers SI306X Datasheet HTML 4Page - List of Unclassifed Manufacturers SI306X Datasheet HTML 5Page - List of Unclassifed Manufacturers SI306X Datasheet HTML 6Page - List of Unclassifed Manufacturers SI306X Datasheet HTML 7Page - List of Unclassifed Manufacturers SI306X Datasheet HTML 8Page - List of Unclassifed Manufacturers SI306X Datasheet HTML 9Page - List of Unclassifed Manufacturers SI306X Datasheet HTML 10Page - List of Unclassifed Manufacturers SI306X Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Si306x
Preliminary Rev. 0.9
7
Table 4. AC Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F/K-Grade, see "3. Typical Application Schematic" on page 9)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate
Fs
7.2
161
kHz
Transmit Frequency Response
Low –3 dBFS Corner
0
Hz
Receive Frequency Response
Low –3 dBFS Corner,
FILT = 0
—5
Hz
Receive Frequency Response
Low –3 dBFS Corner,
FILT = 1
200
Hz
Transmit Full Scale Level2
VFS
FULL = 0 (0 dBM)
1.1
VPEAK
Receive Full Scale Level2,3
VFS
FULL = 0 (0 dBM)
1.1
VPEAK
Dynamic Range4,5
DR
ILIM = 0, DCV = 11, DCR = 0,
IL =120 mA, MINI = 00
—80
dB
Dynamic Range4,5
DR
ILIM = 0, DCV = 00, DCR = 0,
IL =20mA, MINI =11
—80
dB
Dynamic Range4,5
DR
ILIM = 1, DCV = 11, DCR = 0,
IL =60mA, MINI = 00
—80
dB
Transmit Total Harmonic Distortion6
THD
ILIM = 0, DCV = 11, DCR = 0,
IL =100 mA, MINI = 00
–72
dB
Transmit Total Harmonic Distortion6
THD
ILIM = 0, DCV = 00, DCR = 0,
IL =20mA, MINI =11
–78
dB
Receive Total Harmonic Distortion6
THD
ILIM = 0, DCV = 00, DCR = 0,
IL =20mA, MINI =11
–78
dB
Receive Total Harmonic Distortion6
THD
ILIM = 1, DCV = 11, DCR = 0,
IL =50mA, MINI = 00
–78
dB
Dynamic Range (caller ID mode)7
DRCID
VIN=1kHz, –13dBFS
50
dB
Caller ID Full Scale Level8
VCID
—1.6
VPEAK
AOUT Low Level Current
10
mA
AOUT High Level Current
10
mA
Notes:
1. The 32.768 MHz system-side module supports sample rates up to 16 kHz. The 32.4 MHz system-side module supports
sample rates up to a maximum of 10.286 MHz.
2. Measured at TIP and RING with 600
Ω termination at 1 kHz, as shown in Figure 1.
3. Receive full scale level produces –0.9 dBFS at SDO.
4. DR = 20 x log (RMS VFS/RMS VIN) + 20 x log (RMS VIN/RMS noise). VFS is the 0 dBm full-scale level. RMS noise
measurement excludes harmonics. VFS is the 0 dBm full-scale level.
5. Measurement is 300 to 3400 Hz. Applies to both transmit and receive paths. Vin = 1 kHz, –3 dBFS, Fs = 10300 Hz.
6. THD = 20 x log (RMS distortion/RMS signal). Vin = 1 kHz, –3 dBFS, Fs = 10300 Hz.
7. DRCID = 20 x log (RMS VCID/RMS VIN) + 20 x log (RMS VIN/RMS noise). VCID is the 1.5 V full-scale level for the typical
application circuit in Figure 2.
8. With the enhanced CID circuit (refer to "4. Bill of Materials" on page 10), VCID =1.5 VPEAK and DRCID =62dB.


Similar Part No. - SI306X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI306X SILABS-SI306X Datasheet
795Kb / 62P
   Programmable line interface
More results

Similar Description - SI306X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI3038 ETC1-SI3038 Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
logo
PHOENIX CONTACT
2902874 PHOENIX-2902874 Datasheet
49Kb / 1P
   Replacement screw M4x25 for Yokogawa system cable, module side.
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
silex technology americ...
SX-590 SILEX-SX-590 Datasheet
7Mb / 1P
   Enterprise 802.11ac System on Module for Embedded Applications
REV B. 20192903
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com