Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTD1003 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FTD1003
Description  Load Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD1003 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FTD1003 Datasheet HTML 1Page - Sanyo Semicon Device FTD1003 Datasheet HTML 2Page - Sanyo Semicon Device FTD1003 Datasheet HTML 3Page - Sanyo Semicon Device FTD1003 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.6428-2/4
FTD1003
PW=10
µs
D.C.
≤1%
0V
--4V
VIN
VIN
P.G
50
G
S
ID=--1.4A
RL=7.1Ω
VDD=--10V
VOUT
D
FTD1003
Switching Time Test Circuit
Electrical Connection
Continued from preceding page.
D2 S2 S2 G2
D1 S1 S1 G1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Ttd
)
n
o
(t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S0
1s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S0
8
3s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Ttd
)
f
f
o
(t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S0
8
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S0
1
3s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
Q
V S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
4
.
1
=
5
.
9C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
Q
1C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
Q
5
.
1C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
4
.
1
=
S
G
0
=3
8
.
0
–2
.
1
–V
0
0
--0.2
--0.4
--0.6
--1.2
--1.0
--1.4
--1.6
--1.8
--0.2
--0.8
--0.4
--0.6
--0.8
--0.1
--0.3
--0.5
--0.7
--0.9
ID -- VDS
VGS=--1.5V
--8.0V
--2.0V
IT00965
--6.0V
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
ID -- VGS
VDS=--10V
IT00966
0
--1
--2
--3
--4
--5
--6
100
200
300
400
500
600
700
800
900
1000
0
--7
--8
--9
--10
RDS(on) -- VGS
Ta=25
°C
IT00967
RDS(on) -- Ta
IT00968
ID=-
-0.7A,
VGS
=--2.5V
ID=-
-1.4A,
VGS
=--4.0V
0
100
200
300
400
500
600
ID=--0.7A
--1.4A
--60
40
--40
--20
120
20
60
80
100
160
140
0
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Ambient Temperature, Ta –
°C


Similar Part No. - FTD1003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FTD100N10A ETC1-FTD100N10A Datasheet
54Kb / 6P
   N-Channel Enhancement
More results

Similar Description - FTD1003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTD2014 SANYO-FTD2014 Datasheet
41Kb / 4P
   Load Switching Applications
FTD2022 SANYO-FTD2022 Datasheet
41Kb / 4P
   Load Switching Applications
FW133 SANYO-FW133 Datasheet
29Kb / 4P
   Load Switching Applications
FW232 SANYO-FW232 Datasheet
30Kb / 4P
   Load Switching Applications
FSS131 SANYO-FSS131 Datasheet
28Kb / 4P
   Load Switching Applications
FTD1012 SANYO-FTD1012 Datasheet
28Kb / 4P
   Load Switching Applications
FW231 SANYO-FW231 Datasheet
165Kb / 4P
   Load Switching Applications
FW236 SANYO-FW236 Datasheet
42Kb / 4P
   Load Switching Applications
FW138 SANYO-FW138 Datasheet
30Kb / 4P
   Load Switching Applications
logo
Toshiba Semiconductor
SSM3J56MFV TOSHIBA-SSM3J56MFV Datasheet
196Kb / 6P
   Load Switching Applications
SSM3K48FU TOSHIBA-SSM3K48FU Datasheet
204Kb / 5P
   Load Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com