Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P35L20BF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT70P35L20BF
Description  HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70P35L20BF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT70P35L20BF Datasheet HTML 7Page - Integrated Device Technology IDT70P35L20BF Datasheet HTML 8Page - Integrated Device Technology IDT70P35L20BF Datasheet HTML 9Page - Integrated Device Technology IDT70P35L20BF Datasheet HTML 10Page - Integrated Device Technology IDT70P35L20BF Datasheet HTML 11Page - Integrated Device Technology IDT70P35L20BF Datasheet HTML 12Page - Integrated Device Technology IDT70P35L20BF Datasheet HTML 13Page - Integrated Device Technology IDT70P35L20BF Datasheet HTML 14Page - Integrated Device Technology IDT70P35L20BF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
6.42
IDT70P35/34L (IDT70T25/24L)
ADVANCED
High-Speed 1.8V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
NOTES:
1. Timing depends on which signal is asserted last, OE, CE, LB, or UB.
2. Timing depends on which signal is de-asserted first, CE, OE, LB, or UB.
3. tBDD delay is required only in case where opposite port is completing a write operation to the same address location for simultaneous read operations BUSY has no
relation to valid output data.
4. Start of valid data depends on which timing becomes effective last tABE
, tAOE, tACE, tAA or tBDD.
5. SEM = VIH.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 1).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM, CE = VIL, UB or LB = VIL, and SEM = VIH. To access semaphore, CE = VIH or UB & LB = VIH, and SEM = VIL.
70P35/34L20
(70P25/24L20)
Com'l Only
70P35/34L25
(70P25/24L25)
Com'l
& Ind
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
ns
tAA
Address Access Time
____
20
____
25
ns
tACE
Chip Enable Access Time(3)
____
20
____
25
ns
tABE
Byte Enable Access Time(3)
____
20
____
25
ns
tAOE
Output Enable Access Time(3)
____
12
____
13
ns
tOH
Output Hold from Address Change
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
12
____
15
ns
tPU
Chip Enable to Power Up Time(1,2)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(1,2)
____
20
____
25
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)10
____
10
____
ns
tSAA
Semaphore Address Access(3)
____
20
____
25
ns
5683 tbl 11
Waveform of Read Cycles(5)
tRC
R/
W
CE
ADDR
tAA
OE
UB, LB
5683 drw 09
(4)
tACE
(4)
tAOE
(4)
tABE
(4)
(1)
tLZ
tOH
(2)
tHZ
(3,4)
tBDD
DATAOUT
BUSYOUT
VALID DATA
(4)
,


Similar Part No. - IDT70P35L20BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P3517 IDT-IDT70P3517 Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
IDT70P3517S233RM IDT-IDT70P3517S233RM Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
IDT70P3517S250RM IDT-IDT70P3517S250RM Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
IDT70P3537 IDT-IDT70P3537 Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
IDT70P3537S233RM IDT-IDT70P3537S233RM Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
More results

Similar Description - IDT70P35L20BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com