Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI91822DH-AD-T1 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SI91822DH-AD-T1
Description  Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91822DH-AD-T1 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI91822DH-AD-T1 Datasheet HTML 2Page - Vishay Siliconix SI91822DH-AD-T1 Datasheet HTML 3Page - Vishay Siliconix SI91822DH-AD-T1 Datasheet HTML 4Page - Vishay Siliconix SI91822DH-AD-T1 Datasheet HTML 5Page - Vishay Siliconix SI91822DH-AD-T1 Datasheet HTML 6Page - Vishay Siliconix SI91822DH-AD-T1 Datasheet HTML 7Page - Vishay Siliconix SI91822DH-AD-T1 Datasheet HTML 8Page - Vishay Siliconix SI91822DH-AD-T1 Datasheet HTML 9Page - Vishay Siliconix SI91822DH-AD-T1 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Si91822
Vishay Siliconix
New Product
www.vishay.com
10
Document Number: 71671
S-04932—Rev. A, 15-Oct-01
DETAILED DESCRIPTION
The Si91822 is a low drop out, low quiescent current, and very
linear regulator family with very fast transient response. It is
primarily designed for battery powered applications where
battery run time is at a premium. The low quiescent current
allows extended standby time while low drop out voltage
enables the system to fully utilize battery power before
recharge. The Si91822 is a very fast regulator with bandwidth
exceeding 50 kHz while maintaining low quiescent current at
light load conditions. With this bandwidth, the Si91822 is the
fastest LDO available today. The Si91822 is stable with any
output capacitor type from 1
mF to 10.0 mF. However, X5R or
X7R ceramic capacitors are recommended for best output
noise and transient performance.
VIN
VIN is the input supply pin. The bypass capacitor for this pin
is not critical as long as the input supply has low enough source
impedance. For practical circuits, a 1.0-
mF or larger ceramic
capacitor is recommended. When the source impedance is
not low enough and/or the source is several inches from the
Si91822, then a larger input bypass capacitor is needed. It is
required that the equivalent impedance (source impedance,
wire, and trace impedance in parallel with input bypass
capacitor impedance) must be smaller than the input
impedance of the Si91822 for stable operation. When the
source impedance, wire, and trace impedance are unknown,
it is recommended that an input bypass capacitor be used of
a value that is equal to or greater than the output capacitor.
VOUT
VOUT is the output voltage of the regulator. Connect a bypass
capacitor from VOUT to ground. The output capacitor can be
any value from 1.0
mF to 10.0 mF. A ceramic capacitor with
X5R or X7R dielectric type is recommended for best output
noise, line transient, and load transient performance.
GND
Ground is the common ground connection for VIN and VOUT.
It is also the local ground connection for CNOISE, DELAY,
SENSE or ADJ, and SD.
SENSE or ADJ
SENSE is used to sense the output voltage. Connect SENSE
to VOUT for the fixed voltage version. For the adjustable output
version, use a resistor divider R1 and R2, connect R1 from
VOUT to ADJ and R2 from ADJ to ground. R2 should be in the
25-k
W to 150-kW range for low power consumption, while
maintaining adequate noise immunity.
The formula below calculates the value of R1, given the
desired output voltage and the R2 value,
(1)
R1
+
V
OUT * VADJ R2
V
ADJ
VADJ is nominally 1.215 V.
SHUTDOWN (SD)
SD controls the turning on and off of the Si91822. VOUT is
guaranteed to be on when the SD pin voltage equals or is
greater than 1.5 V. VOUT is guaranteed to be off when theSD
pin voltage equals or is less than 0.4 V. During shutdown
mode, the Si91822 will draw less than 2-
mA current from the
source. To automatically turn on VOUT whenever the input is
applied, tie the SD pin to VIN.
ERROR
ERROR is an open drain output that goes low when VOUT is
less than 5% of its normal value. As with any open drain output,
an external pull up resistor is needed. When a capacitor is
connected from DELAY to GROUND, the error signal transition
from low to high is delayed (see Delay section). This delayed
error signal can be used as the power-on reset signal for the
application system. (Refer to Figure 4.)
The ERROR pin is disconnected if not used.
DELAY
A capacitor from DELAY to GROUND sets the time delay for
ERROR going from low to high state. The time delay can be
calculated using the following formula:
(2)
T
delay +
V
ADJ Cdelay
I
delay
The DELAY pin should be an open circuit if not used.
CNOISE
For low noise application, connect a high frequency ceramic
capacitor from CNOISE to ground. A 0.01-mF or a 0.1-mF X5R
or X7R is recommended.


Similar Part No. - SI91822DH-AD-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DB VISHAY-SI91821DB Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-18-T1 VISHAY-SI91821DH-18-T1 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-18-T1-E3 VISHAY-SI91821DH-18-T1-E3 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
More results

Similar Description - SI91822DH-AD-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com