Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI91822DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI91822DB
Description  Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91822DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SI91822DB Datasheet HTML 1Page - Vishay Siliconix SI91822DB Datasheet HTML 2Page - Vishay Siliconix SI91822DB Datasheet HTML 3Page - Vishay Siliconix SI91822DB Datasheet HTML 4Page - Vishay Siliconix SI91822DB Datasheet HTML 5Page - Vishay Siliconix SI91822DB Datasheet HTML 6Page - Vishay Siliconix SI91822DB Datasheet HTML 7Page - Vishay Siliconix SI91822DB Datasheet HTML 8Page - Vishay Siliconix SI91822DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Si91822
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71671
S-04932—Rev. A, 15-Oct-01
ABSOLUTE MAXIMUM RATINGS
Input Voltage, VIN
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SD Input Voltage, VSD
–0.3 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current, IOUT
300 mA Continuous, Short Circuit Protected
. . . . . . . .
Output Voltage, VOUT
–0.3 V to VO(nom) + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature, TJ(max)
150
_C
. . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature, TSTG
–55
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
ESD (Human Body Model)
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)b
8-Pin MSOP
846 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (
QJA)
8-Pin MSOPa
130
_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 7.7 mW/
_C above TA = 25_C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
Input Voltage, VIN
2 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, VOUT (Adjustable Version)
1.215 V to 5 V
. . . . . . . . . . . . . . .
SD Input Voltage, VSD
0 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature, TA
–40
_C to 85_C
. . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
–40
_C to 135_C
. . . . . . . . . . . . . . . . . . .
CIN = 2.2 mF, COUT = 2.2 mF (ceramic, X5R or X7R type) , CNOISE = 0.1 mF (ceramic)
COUTRange = 1 mF to 10 mF ("10%, x5R or x7R type)
CIN w COUT
SPECIFICATIONS
Test Conditions
Unless Otherwise Specified
Limits
–40 to 85
_C
Parameter
Symbol
VIN = VOUT(nom) + 1 V, IOUT = 1 mA
CIN = 2.2 mF, COUT = 2.2 mF, VSD = 1.5 V
Tempa
Minb
Typc
Maxb
Unit
Output Voltage Range
Adjustable Version
Full
1.215
5
V
Output Voltage Accuracy
VOUT
v
v
Room
–1.5
1.5
Output Voltage Accuracy
(Fixed Versions)
OUT
1 mA
v IOUT v 300 mA
Full
–2.5
2.5
% VO(nom)
Room
1.191
1.215
1.239
Feedback Voltage (ADJ Version)
VADJ
Full
1.179
1.251
V
Line Regulation
(VADJ v VOUT v 4 V)
DV
OUT
100
From VIN = VOUT + 1 V
to VOUT + 2 V
Full
–0.18
0.18
Line Regulation
(4 V
v VOUT v 5 V)
OUT
V
IN
V
OUT
From VIN = 5.5 V to 6 V
Full
–0.18
0.18
%/V
IOUT = 10 mA
Room
5
20
Dropout Voltaged
IOUT = 200 mA
Room
85
180
Dropout Voltaged
(@VOUT(nom) w 2 V)
Room
150
350
VIN – VOUT
IOUT = 300 mA
Full
500
mV
IN
OUT
IOUT = 200 mA
Room
170
250
Dropout Voltaged
(@V
t 2 V, V w 2 V)
Room
290
375
(@VOUT(nom) t 2 V, VIN w 2 V)
IOUT = 300 mA
Full
525
IOUT = 0 mA
Room
150
Room
1000
Ground Pin Current
IGND
IOUT = 200 mA
Full
1500
mA
GND
Room
1500
m
IOUT = 300 mA
Full
2800


Similar Part No. - SI91822DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DB VISHAY-SI91821DB Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-18-T1 VISHAY-SI91821DH-18-T1 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91821DH-18-T1-E3 VISHAY-SI91821DH-18-T1-E3 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
More results

Similar Description - SI91822DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com