Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHT4008 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PHT4008
Description  THYRISTOR MODULE 400A / 800V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHT4008 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PHT4008 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHT4008 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHT4008 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHT4008 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PHT4008 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PHT4008 OUTLINE DRAWING (Dimensions in mm)


Similar Part No. - PHT4008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT4008 NIEC-PHT4008 Datasheet
243Kb / 4P
   400A Avg 800 Volts
PHT4008 NIEC-PHT4008_1 Datasheet
243Kb / 4P
   400A Avg 800 Volts
More results

Similar Description - PHT4008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT2508 NIEC-PHT2508 Datasheet
282Kb / 5P
   THYRISTOR MODULE 250A / 800V
PGH758AM NIEC-PGH758AM Datasheet
234Kb / 4P
   THYRISTOR MODULE 75A / 800V
PGH508AM NIEC-PGH508AM Datasheet
234Kb / 4P
   THYRISTOR MODULE 50A / 800V
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
   THYRISTOR MODULE 100A / 800V
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
   THYRISTOR MODULE 150A/800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
   THYRISTOR MODULE 200A / 800V
PCH608 NIEC-PCH608 Datasheet
248Kb / 5P
   THYRISTOR MODULE 60A/800V
PCH1008 NIEC-PCH1008 Datasheet
252Kb / 5P
   THYRISTOR MODULE 100A/800V
PCH2008 NIEC-PCH2008 Datasheet
256Kb / 5P
   THYRISTOR MODULE 200A/800V
PDT1518 NIEC-PDT1518 Datasheet
323Kb / 9P
   THYRISTOR MODULE 150A / 800V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com