Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P34L25BFI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70P34L25BFI
Description  HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70P34L25BFI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70P34L25BFI Datasheet HTML 2Page - Integrated Device Technology IDT70P34L25BFI Datasheet HTML 3Page - Integrated Device Technology IDT70P34L25BFI Datasheet HTML 4Page - Integrated Device Technology IDT70P34L25BFI Datasheet HTML 5Page - Integrated Device Technology IDT70P34L25BFI Datasheet HTML 6Page - Integrated Device Technology IDT70P34L25BFI Datasheet HTML 7Page - Integrated Device Technology IDT70P34L25BFI Datasheet HTML 8Page - Integrated Device Technology IDT70P34L25BFI Datasheet HTML 9Page - Integrated Device Technology IDT70P34L25BFI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6.42
IDT70P35/34L(IDT70P25/24L)
ADVANCED
High-Speed 1.8V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
C10
D8
C8
A9
D9
C9
B9
D10
C7
B8
A8
A10
D7
B7
A7
B6
C6
D6
A5
B5
C5
D5
A4
B4
C4
D4
A3
B3
C3
D3
D2
C2
B2
A2
A1
B1
C1
D1
E1
E2
E3
E4
F1
F2
F3
F4
G1
G2
G3
G4
H1
H2
H3
H4
J1
J2
J3
J4
K1
K2
K3
K4
A6
B10
E5
E6
E7
E8
E9
E10
F5
F6
F8
F9
F10
G5
G6
G7
G8
G9
G10
H5
H6
H7
H8
H9
H10
J5
J6
J7
J8
J9
J10
K5
K6
K7
K8
K9
K10
F7
5683 drw 06
12/17/03
A5R
A8R
A11R
UBR
Vss
Vss
SEMR I/O15R I/O12R I/O10R
Vss
Vss
A6R
I/O7R
I/O11R
I/O14R
A2R
A1R
A0R
LBR
Vss
Vss
Vss
Vss
Vss
VDD
A3R
A7R
A9R
CER R/WR OER
I/O9R
I/O6R
A4R
VDD
VDD
A12R(1)
A10R
INTR
I/O13R
I/O5R
BUSYR
I/O2R
NC
NC
I/O8R
M/
S
NC
INTL
NC
I/O4R
I/O1R
NC
BUSYL
A1L
NC
NC
OEL
I/O0R
I/O3R
I/O15L
VDD
A2L
A5L
A12L(1)
VDD
I/O3L I/O11L I/O12L I/O14L I/O13L
A0L
A4L
A9L
LBL
CEL
I/O1L
VDD
I/O10L
A3L
A7L
A10L
NC
I/O4L
I/O6L
I/O8L
I/O9L
A6L
A8L
A11L
UBL SEML R/WL
I/O0L
I/O2L I/O5L
I/O7L
Vss
NC
IDT70P25/24 Pin Configurations(1,2,3,4)
70P25/24BY
BY-100(5)
100-Ball 0.5mm Pitch BGA
Top View(6)
NOTES:
1. A12X is a NC for IDT70P24.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground supply.
4. BY100-1 package body is approximately 6mm x 6mm x 1mm, ball pitch 0.5mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.


Similar Part No. - IDT70P34L25BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P3307 IDT-IDT70P3307 Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S233RM IDT-IDT70P3307S233RM Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S233RMI IDT-IDT70P3307S233RMI Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S250RM IDT-IDT70P3307S250RM Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S250RMI IDT-IDT70P3307S250RMI Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
More results

Similar Description - IDT70P34L25BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com