Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT151S8 Datasheet(PDF) 5 Page - Nihon Inter Electronics Corporation

Part # PT151S8
Description  DIODE MODULE 150A/800V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PT151S8 Datasheet(HTML) 5 Page - Nihon Inter Electronics Corporation

  PT151S8 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PT151S8 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PT151S8 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PT151S8 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PT151S8 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SURGE CURRENT RATINGS
PT151S8
f=50Hz,Harf Sine Wave,Non-Repetitive,Tj=150°C
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
200
400
600
800
1000
1200
1400
0.02s
IFSM


Similar Part No. - PT151S8

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT151S8 NIEC-PT151S8 Datasheet
286Kb / 2P
   150A Avg 800 Volts
PT151S8 NIEC-PT151S8 Datasheet
286Kb / 2P
   150A Avg 800 Volts
PT151S8 NIEC-PT151S8 Datasheet
286Kb / 2P
   150A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PT151S8 KSS-PT151S8 Datasheet
623Kb / 5P
   Diode
logo
Nihon Inter Electronics...
PT151S8 NIEC-PT151S8_1 Datasheet
286Kb / 2P
   150A Avg 800 Volts
More results

Similar Description - PT151S8

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC1508 NIEC-PC1508 Datasheet
210Kb / 3P
   DIODE MODULE 150A/800V
PT150S8 NIEC-PT150S8 Datasheet
126Kb / 3P
   DIODE MODULE 150A/800V
PD1518 NIEC-PD1518 Datasheet
172Kb / 6P
   DIODE MODULE - 150A/800V
PH1503 NIEC-PH1503 Datasheet
195Kb / 3P
   DIODE MODULE 150A/300 to 800V
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
   THYRISTOR MODULE 150A/800V
PDT1518 NIEC-PDT1518 Datasheet
323Kb / 9P
   THYRISTOR MODULE 150A / 800V
logo
Taiwan Semiconductor Co...
2RI150E TSC-2RI150E Datasheet
158Kb / 2P
   POWER DIODE MODULE 600V,800V / 150A 2 in one-package
logo
Shindengen Electric Mfg...
MG038B150080A SHINDENGEN-MG038B150080A Datasheet
1Mb / 6P
   Bridge Diodes 800V, 150A
MG061B150080A SHINDENGEN-MG061B150080A Datasheet
460Kb / 4P
   Bridge Diodes 800V, 150A
logo
Nihon Inter Electronics...
PD15116 NIEC-PD15116 Datasheet
175Kb / 6P
   DIODE MODULE - 150A/1600V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com