Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6791TP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6791TP
Description  High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6791TP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6791TP Datasheet HTML 1Page - Maxim Integrated Products MAX6791TP Datasheet HTML 2Page - Maxim Integrated Products MAX6791TP Datasheet HTML 3Page - Maxim Integrated Products MAX6791TP Datasheet HTML 4Page - Maxim Integrated Products MAX6791TP Datasheet HTML 5Page - Maxim Integrated Products MAX6791TP Datasheet HTML 6Page - Maxim Integrated Products MAX6791TP Datasheet HTML 7Page - Maxim Integrated Products MAX6791TP Datasheet HTML 8Page - Maxim Integrated Products MAX6791TP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
High-Voltage, Micropower, Single/Dual Linear
Regulators with Supervisory Functions
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CIN = 1µF, COUT = 10µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET OUTPUT
L
4.500
4.625
4.750
M
4.250
4.375
4.500
T
2.970
3.053
3.135
S
2.805
2.888
2.970
Z
2.250
2.313
2.375
Y
2.125
2.188
2.250
W
1.620
1.665
1.710
Reset Threshold (Preset Output
Voltage)
SET/SET1 = GND
V
1.530
1.575
1.620
V
L/T/Z/W
0.90 x
VOUT
0.925 x
VOUT
0.95 x
VOUT
Reset Threshold (Adjustable
Output Voltage)
M/S/Y/V
0.85 x
VOUT
0.875 x
VOUT
0.90 x
VOUT
V
OUT to Reset Delay
VOUT1/VOUT falling
35
µs
D0
35
µs
D1
2.187
3.125
4.063
D2
8.75
12.5
16.25
D3
35
50
65
Reset Timeout Period
(CSRT = OUT/OUT1)
tRP
VOUT1/VOUT rising
D4
140
200
260
ms
CSRT Ramp Current
800
1000
1250
nA
CSRT Ramp Threshold
1.185
1.218
1.255
V
WATCHDOG INPUT
CSWT = OUT/OUT1 (fixed)
280.0
400.0
520.0
Normal Watchdog Timeout Period
tWD2
CSWT = 1500pF (adjustable)
170
236.2
290
ms
CSWT = OUT/OUT1 (fixed)
37.5
50.0
62.5
Fast Watchdog Timeout Period
SET Ratio = 8
tWD1
CSWT = 1500pF (adjustable)
21.95
29.52
36.90
ms
CSWT = OUT/OUT1 (fixed)
18.75
25.0
31.25
Fast Watchdog Timeout Period
SET Ratio = 16
tWD1
CSWT = 1500pF (adjustable)
10.80
14.76
18.45
ms
CSWT = OUT/OUT1 (fixed)
4.68
6.25
7.81
Fast Watchdog Timeout Period
SET Ratio = 64
tWD1
CSWT = 1500pF (adjustable)
2.52
3.69
4.62
ms
Fast Watchdog Minimum Period
tWD0
2000
ns
CSWT Ramp Current
Adjustable timeout
800
1000
1250
nA
CSWT Ramp Threshold
Adjustable timeout
1.185
1.218
1.255
V
Undercurrent Threshold for
Watchdog Enable
7.0
10
13.8
mA
Undercurrent Threshold for
Watchdog Disable
357
mA


Similar Part No. - MAX6791TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791TP MAXIM-MAX6791TP Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
More results

Similar Description - MAX6791TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6791 MAXIM-MAX6791_11 Datasheet
405Kb / 24P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 2; 10/11
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com