Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0011SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # AM50-0011SMB
Description  High Dynamic Range LNA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0011SMB Datasheet(HTML) 4 Page - Tyco Electronics

  AM50-0011SMB Datasheet HTML 1Page - Tyco Electronics AM50-0011SMB Datasheet HTML 2Page - Tyco Electronics AM50-0011SMB Datasheet HTML 3Page - Tyco Electronics AM50-0011SMB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Dynamic Range LNA,
800 - 1000 MHz
AM50-0011
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
4
Typical Performance Curves
Current vs. Temperature
20
30
40
50
60
70
-40
-25
-10
5
20
35
50
65
80
95
Temperature (Celsius)


Similar Part No. - AM50-0011SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
More results

Similar Description - AM50-0011SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0012 MACOM-AM50-0012 Datasheet
347Kb / 4P
   High Dynamic Range LNA
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
   High dynamic range dual LNA MMIC
2000 Aug 28
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
   High dynamic range dual LNA MMIC
1999 Dec 23
logo
Tyco Electronics
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
   High Dynamic Range LNA 1700 - 2400 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
   High Dynamic Range LNA 1700-2400 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
   high dynamic range
logo
WJ Communication. Inc.
FH101 WJCI-FH101 Datasheet
177Kb / 4P
   High Dynamic Range FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com