Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP869 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BCP869
Description  TRANSISTOR (PNP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCP869 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BCP869 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC869
TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM:
500
mW (Tamb=25
℃)
Collector current
ICM:
-2
A
Collector-base voltage
V(BR)CBO:
-32
V
Operating and storage junction temperature range
TJ, Tstg: -65
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-0.1mA, IE=0
-32
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1mA , IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-25V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
µA
hFE(1)
VCE=-10V, IC= -5mA
VCE=-1V, IC= -500mA
VCE=-1V, IC= -1A
50
100
60
375
DC current gain
BC869-16
BC869-25
hFE(2)
VCE=-1V, IC= -500mA
100
160
250
375
Collector-emitter saturation voltage
VCE(sat)
IC=-1A, IB= -100mA
0.5
V
Transition frequency
f T
VCE=-5V, IC=-10mA
f = 100MHz
40
MHz
DEVICE MARKING
BC869=CEC BC869-16=CGC BC869-25=CHC
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
BCP869
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.


Similar Part No. - BCP869

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP869 SECOS-BCP869 Datasheet
75Kb / 2P
   Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
BCP869 WINNERJOIN-BCP869 Datasheet
132Kb / 1P
   TRANSISTOR (PNP)
logo
SeCoS Halbleitertechnol...
BCP869 SECOS-BCP869_15 Datasheet
64Kb / 2P
   Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
BCP869 WINNERJOIN-BCP869_15 Datasheet
132Kb / 1P
   PNP TRANSISTOR
More results

Similar Description - BCP869

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com