Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP512R724-Y6 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HYMP512R724-Y6
Description  DDR2 SDRAM Registered DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP512R724-Y6 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HYMP512R724-Y6 Datasheet HTML 7Page - Hynix Semiconductor HYMP512R724-Y6 Datasheet HTML 8Page - Hynix Semiconductor HYMP512R724-Y6 Datasheet HTML 9Page - Hynix Semiconductor HYMP512R724-Y6 Datasheet HTML 10Page - Hynix Semiconductor HYMP512R724-Y6 Datasheet HTML 11Page - Hynix Semiconductor HYMP512R724-Y6 Datasheet HTML 12Page - Hynix Semiconductor HYMP512R724-Y6 Datasheet HTML 13Page - Hynix Semiconductor HYMP512R724-Y6 Datasheet HTML 14Page - Hynix Semiconductor HYMP512R724-Y6 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
HYMP512R72(L)4
Rev. 0.2 / July 2004
11
PIN Capacitance (VDD=1.8V,VDDQ=1.8V, TA=25℃. f=1MHz )
Note :
1. Pins not under test are tied to GND.
2. These value are guaranteed by design and tested on a sample basis only.
IDD Specifications
Parameter
Pin
Symbol
Min
Max
Unit
Input Capacitance
CK0, /CK0
CCK
913
pF
Input Capacitance
CKE, ODT
CI1
10
15
pF
Input Capacitance
/CS
CI2
10
15
pF
Input Capacitance
Address, /RAS, /CAS, /WE
CI3
10
15
pF
Input Capacitance
DQ,DM,DQS, /DQS
CIO
10
15
pF
HYMP512R72(L)4
PC2 3200
PC2 4300
PC2 5300
Parameter
Symbol
max.
max.
max.
Unit
Note
Operating one bank active-precharge
current
IDD0
2090
2270
2450
mA
Operating one bank active-read-precharge
current
IDD1
2270
2450
2630
mA
Precharge power-down current
IDD2P
704
722
740
mA
Precharge quiet standby current
IDD2Q
1190
1280
1460
mA
Precharge standby current
IDD2N
1280
1370
1550
mA
Active power-down current
IDD3P(F)
920
1010
1100
mA
IDD3P(S)
704
722
740
mA
Active Standby Current
IDD3N
1550
1730
1910
mA
Operating burst read current
IDD4R
2990
3170
3440
mA
Operating Current
IDD4W
2990
3170
3440
mA
Burst auto refresh current
IDD5B
1790
1790
1790
mA
Self Refresh Current
IDD6
440
440
440
mA
IDD6(L)
404
404
404
mA
Operating bank interleave read current
IDD7
4250
4610
4970
mA


Similar Part No. - HYMP512R724-Y6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R724-E3/C4 HYNIX-HYMP512R724-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP512R724-Y6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
Micron Technology
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com