Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7886SBDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7886SBDBVR
Description  12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7886SBDBVR Datasheet(HTML) 3 Page - Texas Instruments

  ADS7886SBDBVR Datasheet HTML 1Page - Texas Instruments ADS7886SBDBVR Datasheet HTML 2Page - Texas Instruments ADS7886SBDBVR Datasheet HTML 3Page - Texas Instruments ADS7886SBDBVR Datasheet HTML 4Page - Texas Instruments ADS7886SBDBVR Datasheet HTML 5Page - Texas Instruments ADS7886SBDBVR Datasheet HTML 6Page - Texas Instruments ADS7886SBDBVR Datasheet HTML 7Page - Texas Instruments ADS7886SBDBVR Datasheet HTML 8Page - Texas Instruments ADS7886SBDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTRICAL CHARACTERISTICS
ADS7886
SLAS492 – SEPTEMBER 2005
UNIT
+IN to AGND
–0.3 V to +VDD +0.3 V
+VDD to AGND
–0.3 V to 7 V
Digital input voltage to GND
–0.3 V to (7 V)
Digital output to GND
–0.3 V to (+VDD + 0.3 V)
Operating temperature range
–40
°C to 125°C
Storage temperature range
–65
°C to 150°C
Junction temperature (TJ Max)
150°C
Power dissipation, SOT23 and SC70 packages
(TJ Max–TA)/θJA
SOT23
295.2
°C/W
θ
JA Thermal impedance
SC70
351.3
°C/W
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
+V
DD = 2.35 V to 5.25 V, TA = –40°C to 125°C, f(sample) = 1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage span(1)
0
VDD
V
Absolute input voltage range
+IN
–0.2
VDD+0.2
V
CI
Input capacitance(2)
21
pF
Ilkg
Input leakage current
TA = 125°C
40
nA
SYSTEM PERFORMANCE
Resolution
12
Bits
ADS7886SB
12
No missing codes
Bits
ADS7886S
11
ADS7886SB
–1.25
±0.65
1.25
INL
Integral nonlinearity
LSB(3)
ADS7886S
2
2
ADS7886SB
–1
+0.4/-0.65
1
DNL
Differential nonlinearity
LSB
ADS7886S
-2
2
VDD = 2.35 V to 3.6 V
–2.5
±0.5
2.5
EO
Offset error(4)
LSB
VDD = 4.75 V to 5.25 V
-2
±0.5
2
EG
Gain error
–1.75
±0.5
1.75
LSB
SAMPLING DYNAMICS
Conversion time
20-MHz SCLK
760
800
ns
Acquisition time
325
ns
Maximum throughput rate
20-MHz SCLK
1
MHz
Aperture delay
5
ns
Step Response
160
ns
Overvoltage recovery
160
ns
DYNAMIC CHARACTERISTICS
VDD = 2.35 V to 3.6 V, fI = 100 kHz
69
71.25
SNR
Signal-to-noise ratio
dB
VDD = 4.75 V to 5.25 V, fI = 100 kHz
70
72.25
(1)
Ideal input span; does not include gain or offset error.
(2)
See Figure 28 for details on the sampling circuit.
(3)
LSB means least significant bit.
(4)
Measured relative to an ideal full-scale input.
3


Similar Part No. - ADS7886SBDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7886SBDBVR TI1-ADS7886SBDBVR Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS7886SBDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com