Electronic Components Datasheet Search |
|
MA88101CBN Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd. |
|
MA88101CBN Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd. |
6 / 6 page CG01-J 123 APPLICATION SPECIFIC CAPACITORS HIGH FREQUENCY CERAMIC CAPACITORS MA/MB Series SPECIFICATIONS MA/MB 18/28; 0.05% maximum Dissipation Factor MA 58/68; 0.15% maximum @ 1.0VRMS (f = 1 MHz) MA 78/88; 2.5% maximum @ 1.0VRMS maximum (f = 1kHz) MB28 Series P90±30ppm/°C, (–55°C to +175°C) MA 18/28 Series P90 ±20ppm/°C, (–55°C to +125°C) Temperature Coefficient MA 58/68 Series; COG (0 ±30ppm/°C, –55°C to +125°C) MA 78/88 Series; ±15% maximum (–55°C to +125°C) MA/MB 18/28 1000K M Ohms at +25°C, 100K M Ohms at +125°C Insulation Resistance MA 58/68 1000K M Ohms at +25°C, 100K M Ohms at +125°C MA 78/88 100K M Ohms or 1000 M Ohm F min., whichever is less (@ 25°C) 10K M Ohms or 100 M Ohms F min., whichever is less (@ 125°C) Dielectric Test Voltage MA/MB 18/28/58/68/78/88, 250% of WVDC for 5 seconds Capacitance Drift Meets or Exceeds MIL-PRF-55681 (Does not apply for MA 78/88) Aging Negligible for MA/MB 18/28/58/68, MA 78/88; 2.5% per decade maximum Environmental Tests MIL-STD-202 Shock Method 213, Condition J Vibration Method 204, Condition B Moisture Resistance Method 106 Solderability Method 208 Immersion Method 104, Condition B Barometric Pressure Method 105, Condition B Resistance to Soldering Heat Method 210, Condition B Thermal Shock Method 107, Condition A Life Method 108, Condition F Marking Standard MA/MB product is unmarked DIMENSIONS: mm TAPE AND REEL PACKAGING CONDUCTIVE TAPE ELECTRICAL PROPERTIES PACKAGING: Case 1 – 3,000 pcs. Case 2 – 1,000 pcs. NOTE: 1 Ao & Bo are determined by maximum specified length and width of components plus 0.016 ± 0.008, plus the additional requirement that components not be allowed to rotate more than 20° within the cavity clearance or whichever condition occurs first. Cover tape Embossment Embossed carrier 1.75 ± 0.1 3.5 ± 0.05 8.0 ± 0.3 4.0 ± 0.1 2.0 ± 0.1 Unit: mm 1.5 +0.1 –0 4.0 ± 0.1 A0 B0 Direction of feed 2.75 Advantages Benefits Conductive Prevents static charge build-up Flexibility Insures against crazing, cracking and brittleness Dimensional strength Drive loading will not elongate sprocket holes Dimensional stability Smooth, reliable running on pick and place machines Property Value Test Method Resistivity 5 x 105 ohm/square ASTM D-257 Electrostatic Decay Time 0.01 Sec. ASTM D-257 At 50% RH@21°C Other packaging options available — Consult Factory Typical Values |
Similar Part No. - MA88101CBN |
|
Similar Description - MA88101CBN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |