Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1312AV18 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1312AV18
Description  18-Mb QDR-II SRAM 2-Word Burst Architecture
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1312AV18 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1312AV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C1312AV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1312AV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1312AV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1312AV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1312AV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1312AV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1312AV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1312AV18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CY7C1310AV18
CY7C1312AV18
CY7C1314AV18
PRELIMINARY
Document #: 38-05497 Rev. *A
Page 2 of 21
Selection Guide
167 MHz
133 MHz
Unit
Maximum Operating Frequency
167
133
MHz
Maximum Operating Current
800
700
mA
Logic Block Diagram (CY7C1312AV18)
CLK
A(18:0)
Gen.
K
K
Control
Logic
Address
Register
D[17:0]
Read Data Reg.
RPS
WPS
Q[17:0]
Control
Logic
Address
Register
Reg.
Reg.
Reg.
18
19
18
36
18
BWS[1:0]
VREF
18
A(18:0)
19
C
C
18
Write
Reg
Write
Reg
CQ
CQ
18
DOFF
Logic Block Diagram (CY7C1314AV18)
CLK
A(17:0)
Gen.
K
K
Control
Logic
Address
Register
D[35:0]
Read Data Reg.
RPS
WPS
Q[35:0]
Control
Logic
Address
Register
Reg.
Reg.
Reg.
36
18
36
72
36
BWS[3:0]
VREF
36
A(17:0)
18
C
C
36
Write
Reg
Write
Reg
CQ
CQ
36
DOFF


Similar Part No. - CY7C1312AV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13121KV18 CYPRESS-CY7C13121KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C13121KV18-300BZXC CYPRESS-CY7C13121KV18-300BZXC Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
More results

Similar Description - CY7C1312AV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1310BV18 CYPRESS-CY7C1310BV18_07 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310CV18 CYPRESS-CY7C1310CV18 Datasheet
1Mb / 26P
   18-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1310JV18 CYPRESS-CY7C1310JV18 Datasheet
639Kb / 26P
   18 Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18 Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_06 Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311CV18 CYPRESS-CY7C1311CV18 Datasheet
695Kb / 31P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_11 Datasheet
1Mb / 32P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311JV18 CYPRESS-CY7C1311JV18 Datasheet
689Kb / 27P
   18-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com