Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP512R72L4-C4 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HYMP512R72L4-C4
Description  DDR2 SDRAM Registered DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP512R72L4-C4 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HYMP512R72L4-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP512R72L4-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP512R72L4-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP512R72L4-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP512R72L4-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP512R72L4-C4 Datasheet HTML 9Page - Hynix Semiconductor HYMP512R72L4-C4 Datasheet HTML 10Page - Hynix Semiconductor HYMP512R72L4-C4 Datasheet HTML 11Page - Hynix Semiconductor HYMP512R72L4-C4 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HYMP512R72(L)4
Rev. 0.2 / July 2004
8
Input AC Logic Level
AC Input Test Conditions
Notes:
1.
Input waveform timing is referenced to the input signal crossing through the VREF level applied to the device under test.
2.
The input signal minimum slew rate is to be maintained over the range from VIL(dc) max to VIH(ac) min for rising edges and the
range from VIH(dc) min to VIL(ac) max for falling edges as shown in the below figure.
3.
AC timings are referenced with input waveforms switching from VIL(ac) to VIH(ac) on the positive transitions and VIH(ac) to
VIL(ac) on the negative transitions.
Parameter
Symbol
Min
Max
Unit
Note
AC Input logic High
VIH(AC)
VREF + 0.250
-
V
AC Input logic Low
VIL(AC)
-VREF - 0.250
V
Symbol
Condition
Value
Units
Notes
VREF
Input reference voltage
0.5 * VDDQ
V1
VSWING(MAX)
Input signal maximum peak to peak swing
1.0
V
1
SLEW
Input signal minimum slew rate
1.0
V/ns
2, 3
VDDQ
VIH(ac) min
VIH(dc) min
VREF
VIL(dc) max
VIL(ac) max
VSS
< Figure : AC Input Test Signal Waveform >
VSWING(MAX)
delta TR
delta TF
Start of Falling Edge Input Timing
Start of Rising Edge Input Timing
VIH(dc) min - VIL(ac) max
delta TF
Falling Slew =
Rising Slew =
VIH(ac) min - VIL(dc) max
delta TR


Similar Part No. - HYMP512R72L4-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R724-E3/C4 HYNIX-HYMP512R724-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R728-E3 HYNIX-HYMP512R728-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R728-E3/C4 HYNIX-HYMP512R728-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP512R72L4-C4

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
Micron Technology
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com