Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP564R728-E3 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HYMP564R728-E3
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP564R728-E3 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HYMP564R728-E3 Datasheet HTML 5Page - Hynix Semiconductor HYMP564R728-E3 Datasheet HTML 6Page - Hynix Semiconductor HYMP564R728-E3 Datasheet HTML 7Page - Hynix Semiconductor HYMP564R728-E3 Datasheet HTML 8Page - Hynix Semiconductor HYMP564R728-E3 Datasheet HTML 9Page - Hynix Semiconductor HYMP564R728-E3 Datasheet HTML 10Page - Hynix Semiconductor HYMP564R728-E3 Datasheet HTML 11Page - Hynix Semiconductor HYMP564R728-E3 Datasheet HTML 12Page - Hynix Semiconductor HYMP564R728-E3 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Rev. 1.0 / Apr. 2005
9
1
240pin Registered DDR2 SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
2GB(256Mbx72) : HYMP125R72M4
/R S0
VSS
/R S1
DQ0
DQ1
DQ2
DQ3
DQ S0
/D Q S0
D0,D 18( DD P)
DQS
/C S
DM
I/O 0
I/O 1
I/O 2
I/O 3
/DQ S
DQS
/C S
DM
/ DQ S
DQ8
DQ9
DQ10
DQ11
DQ S1
/D Q S1
D1,D 19( DD P)
DQS
/C S
DM
I/O 0
I/O 1
I/O 2
I/O 3
/DQ S
DQS
/C S
DM
/R S0
/R S1
DQ16
DQ17
DQ18
DQ19
DQ S2
/D Q S2
D2,D 20( DDP)
DQS
/C S
DM
I/O 0
I/O 1
I/O 2
I/O 3
/DQ S
DQS
/C S
DM
/ DQ S
DQ24
DQ25
DQ26
DQ27
DQ S3
/D Q S3
D3,D 21( DD P)
DQS
/C S
DM
I/O 0
I/O 1
I/O 2
I/O 3
/DQ S
DQS
/C S
DM
/R S0
/R S1
DQ48
DQ49
DQ50
DQ51
DQ S6
/D Q S6
D6,D 24( DDP)
DQS
/C S
DM
I/O 0
I/O 1
I/O 2
I/O 3
/DQ S
DQS
/C S
DM
/ DQ S
DQ56
DQ57
DQ58
DQ59
DQ S7
/D Q S7
D7,D 25( DDP)
DQS
/C S
DM
I/O 0
I/O 1
I/O 2
I/O 3
/DQ S
DQS
/C S
DM
/R S0
/R S1
DQ32
DQ33
DQ34
DQ35
DQ S4
/D Q S4
D4,D2( DDP)
DQS
/C S
DM
I/O 0
I/O 1
I/O 2
I/O 3
/DQ S
DQS
/C S
DM
/ DQ S
DQ40
DQ41
DQ42
DQ43
DQ S5
/D Q S5
D5,D 23( DDP)
DQS
/C S
DM
I/O 0
I/O 1
I/O 2
I/O 3
/DQ S
DQS
/C S
DM
CB0
CB1
CB2
CB3
DQ S8
/D Q S8
D8,D 26( DDP)
DQS
/C S
DM
I/O 0
I/O 1
I/O 2
I/O 3
/DQ S
DQS
/C S
DM
DQ4
DQ5
DQ6
DQ7
DQ S9
/D Q S9
D9,D 27( DD P)
DQ S
/CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S
DQS
/C S
DM
/ D QS
DQ12
DQ13
DQ14
DQ15
DQ S10
/D Q S10
D10,D28( DD P)
DQ S
/CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S
DQS
/C S
DM
DQ20
DQ21
DQ22
DQ23
DQ S11
/D Q S11
D11,D29( D DP)
DQ S
/CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S
DQS
/C S
DM
/ D QS
DQ28
DQ29
DQ30
DQ31
DQ S12
/D Q S12
D12,D30( D DP)
DQ S
/CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S
DQS
/C S
DM
DQ52
DQ53
DQ54
DQ55
DQ S15
/D Q S15
D15,D33( DD P)
DQ S
/CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S
DQS
/C S
DM
/ D QS
DQ60
DQ61
DQ62
DQ63
DQ S9
/D Q S9
D9,D 34( D DP)
DQ S
/CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S
DQS
/C S
DM
DQ36
DQ37
DQ38
DQ39
DQ S13
/D Q S13
D13,D31( DD P)
DQ S
/CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S
DQS
/C S
DM
/ D QS
DQ44
DQ45
DQ46
DQ47
DQ S14
/D Q S14
D14,D32( DD P)
DQ S
/CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S
DQS
/C S
DM
CB4
CB5
CB6
CB7
DQ S17
/D Q S17
D17,D35( DD P)
DQ S
/CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S
DQS
/C S
DM
ODT0
CKE0
/PC K7**
/W E
1:2
R
E
G
I
S
T
E
R
PCK7 **
/R ESET**
/CAS
/RAS
BA0 ? BA 1
A0?A13
/S1*
/RST
/S0*
RO DT1 = > O D T1: SD RAM s D 18-D 35
ODT1
CKE1
RO DT0 = > O D T0: SD RAM s D 0-D 17
RCKE 1 = > CKE1: SDRAM s D 18-D 35
RC KE0 = > CKE 0: SDRAM s D 0-D 17
/R A0 ? RA 12 = > A0 -A12 : SD RAM s D 0-D 35
/R W E = > /W E : SD RAM s D 0-D35
/RCAS = > /CAS: SDRAM s D 0-D35
/R RAS = > /R AS: SDRAM s D 0-D 35
/R BA0 ? RBA1 = > BA0 -BA1 : SD RAM s D 0-D 35
/RS 1 to /CS : SD RAM s D 18 ? D35
/R S0 to /C S : SDRAM s D 0 ? D17
Notes:
1. R egister values are 22 O hm s +/- 5% .
2. /R S 0 and /R S1 alternate betw een the back and front sides of the D IM M
*
/S0 connects to D/C S0 and /S1 connects to D /C S1 on both R egisters.
** /R ESET,PC K 7 and /PC K7 connect to both R egisters. Other signals connect to tw o R egisters.
SA 0
SA 1
SA 2
W
P
SC L
SD A
A0
A1
A2
Serial PD
SC L
U0
SD A
VDD SPD
V REF
VDD /V DDQ
VSS
Serial
PD
DO to D 35
DO to D 35
DO to D 35
P
L
L
OE
CK0
/CK0
/R ESET
PCK0 to PCK6, PCK8,PCK9 = > CK : SDRAMx D0-D35
/PCK0 to /PCK6, /PCK8,/PC K9 = > /CK : SD RAMx D0-D35
PCK7 = > CK: Register
/P CK7 = > /CK: Register


Similar Part No. - HYMP564R728-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP564R72CP8-C4 HYNIX-HYMP564R72CP8-C4 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
More results

Similar Description - HYMP564R728-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com