Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28342OCT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28342OCT
Description  High-performance SiS645/650 Pentium 4 Clock Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28342OCT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28342OCT Datasheet HTML 1Page - Cypress Semiconductor CY28342OCT Datasheet HTML 2Page - Cypress Semiconductor CY28342OCT Datasheet HTML 3Page - Cypress Semiconductor CY28342OCT Datasheet HTML 4Page - Cypress Semiconductor CY28342OCT Datasheet HTML 5Page - Cypress Semiconductor CY28342OCT Datasheet HTML 6Page - Cypress Semiconductor CY28342OCT Datasheet HTML 7Page - Cypress Semiconductor CY28342OCT Datasheet HTML 8Page - Cypress Semiconductor CY28342OCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CY28342
Document #: 38-07349 Rev. *A
Page 5 of 22
Table 2. Command Code Definition
Bit
Description
7
0 = Block Read or block Write operation
1 = Byte Read or byte Write operation
(6:0)
Byte offset for byte Read or byte Write operations. For block Read or block Write operations, these bits
should be “0000000”
Table 3. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1Start
1Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command code – 8-bit “00000000” stands for
block operation
11:18
Command code – 8-bit “00000000” stands for
block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte count –8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 0 – 8 bits
28
Read
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 1 – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
....
Data byte N/slave acknowledge...
39:46
Data byte from slave – 8 bits
....
Data byte N – 8 bits
47
Acknowledge
....
Acknowledge from slave
48:55
Data byte from slave – 8 bits
....
Stop
56
Acknowledge
....
Data bytes from slave/acknowledge
....
Data byte N from slave – 8 bits
....
Not acknowledge
....
Stop
Table 4. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bit “1xxxxxxx” stands for
byte operation bit[6:0] of the command code
represents the offset of the byte to be accessed
11:18
Command Code – 8-bit “1xxxxxxx” stands for
byte operation bit[6:0] of the command code
represents the offset of the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte count – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave


Similar Part No. - CY28342OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28342OCT SPECTRALINEAR-CY28342OCT Datasheet
258Kb / 21P
   High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
More results

Similar Description - CY28342OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28342 SPECTRALINEAR-CY28342 Datasheet
258Kb / 21P
   High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
logo
Cypress Semiconductor
C9827H CYPRESS-C9827H Datasheet
171Kb / 25P
   High Performance Pentium 4 Clock Synthesizer
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
   High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
logo
Integrated Device Techn...
IDT74FCT3907 IDT-IDT74FCT3907 Datasheet
104Kb / 7P
   3.3V PENTIUM??CLOCK SYNTHESIZER
logo
Cypress Semiconductor
C9870G CYPRESS-C9870G Datasheet
175Kb / 25P
   High Performance Pentium짰 4 Clock Synthesizer
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
   Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com