Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP125R72M4-E3 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HYMP125R72M4-E3
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP125R72M4-E3 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HYMP125R72M4-E3 Datasheet HTML 1Page - Hynix Semiconductor HYMP125R72M4-E3 Datasheet HTML 2Page - Hynix Semiconductor HYMP125R72M4-E3 Datasheet HTML 3Page - Hynix Semiconductor HYMP125R72M4-E3 Datasheet HTML 4Page - Hynix Semiconductor HYMP125R72M4-E3 Datasheet HTML 5Page - Hynix Semiconductor HYMP125R72M4-E3 Datasheet HTML 6Page - Hynix Semiconductor HYMP125R72M4-E3 Datasheet HTML 7Page - Hynix Semiconductor HYMP125R72M4-E3 Datasheet HTML 8Page - Hynix Semiconductor HYMP125R72M4-E3 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev. 1.0 / Apr. 2005
1
240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
This Hynix registered Dual In-Line Memory Module (DIMM) series consists of 512Mb 1st ver. DDR2 SDRAMs in Fine Ball
Grid Array(FBGA) packages on a 240pin glass-epoxy substrate. This Hynix 512Mb 1st ver. based Registered DDR2
DIMM series provide a high performance 8 byte interface in 133.35mm width form factor of industry standard. It is
suitable for easy interchange and addition.
FEATURES
ORDERING INFORMATION
Part Name
Density
Organization
# of
DRAMs
# of
ranks
Materials
HYMP564R728-E3/C4
512MB
64Mx72
9
1
Leaded
HYMP512R728-E3/C4
1GB
128Mx72
18
2
Leaded
HYMP512R724-E3/C4
1GB
128Mx72
18
1
Leaded
HYMP125R72M4-E3/C4
2GB
256Mx72
36
2
Leaded
HYMP564R72P8-E3/C4
512MB
64Mx72
9
1
Lead free
HYMP512R72P8-E3/C4
1GB
128Mx72
18
2
Lead free
HYMP512R72P4-E3/C4
1GB
128Mx72
18
1
Lead free
HYMP125R72MP4-E3/C4
2GB
256Mx72
36
2
Lead free
JEDEC standard Double Data Rate2 Synchronous
DRAMs (DDR2 SDRAMs) with 1.8V +/- 0.1V Power
Supply
All inputs and outputs are compatible with SSTL_1.8
interface
•4 Bank architecture
•Posted CAS
Programmable CAS Latency 3 , 4 , 5
OCD (Off-Chip Driver Impedance Adjustment)
ODT (On-Die Termination)
Fully differential clock operations (CK & CK)
Programmable Burst Length 4 / 8 with both sequen-
tial and interleave mode
Auto refresh and self refresh supported
8192 refresh cycles / 64ms
Serial presence detect with EEPROM
DDR2 SDRAM Package: 60ball FBGA
133.35 x 30.00 mm form factor
Lead-free Products are RoHS compliant


Similar Part No. - HYMP125R72M4-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP125F72CP8D3-C4 HYNIX-HYMP125F72CP8D3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-S5 HYNIX-HYMP125F72CP8D3-S5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-S6 HYNIX-HYMP125F72CP8D3-S6 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-Y5 HYNIX-HYMP125F72CP8D3-Y5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D5-C4 HYNIX-HYMP125F72CP8D5-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP125R72M4-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com