Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP512R72X Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMP512R72X
Description  DDR2 SDRAM Registered DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP512R72X Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMP512R72X Datasheet HTML 1Page - Hynix Semiconductor HYMP512R72X Datasheet HTML 2Page - Hynix Semiconductor HYMP512R72X Datasheet HTML 3Page - Hynix Semiconductor HYMP512R72X Datasheet HTML 4Page - Hynix Semiconductor HYMP512R72X Datasheet HTML 5Page - Hynix Semiconductor HYMP512R72X Datasheet HTML 6Page - Hynix Semiconductor HYMP512R72X Datasheet HTML 7Page - Hynix Semiconductor HYMP512R72X Datasheet HTML 8Page - Hynix Semiconductor HYMP512R72X Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HYMP512R72(L)4
Rev. 0.2 / July 2004
4
PIN DESCRIPTION
PIN Location
Pin
Pin Description
Pin
Pin Description
CK0
Clock Input,positive line
ODT[1:0]
On Die Termination Inputs
CK0
Clock input,negative line
VDDQ
DQs Power Supply
CKE0~CKE1
Clock Enable Input
DQ0~DQ63
Data Input/Output
RAS
Row Address Strobe
CB0~CB7
Data check bits Input/Output
CAS
Column Address Strobe
DQS(0~8)
Data strobes
WE
Write Enable
DQS(0~8)
Data strobes,negative line
S0
Chip Select Input
DM(0~8),DQS(9~17)
Data Maskes/Data strobes
A0~A9,A11~A13
Address input
DQS(9~17)
Data strobes,negative line
A10/AP
Address input/Autoprecharge
RFU
Reserved for Future Use
BA0, BA1
SDRAM Bank Address
NC
No Connect
SCL
Serial Presence Detect(SPD) Clock Input
TEST
Memory bus test tool(Not Connected and Not
Usable on DIMMs)
SDA
SPD Data Input/Output
VDD
Core Power
SA0~SA2
E2PROM Address Inputs
VDDQ
I/O Power Supply
Par_In
Parity bit for the Address and Control bus
VSS
Ground
Err_Out
Parity error found on the Addre
VREF
Reference Power Supply
RESET
Reset Enable
VDDSPD
Power Supply for SPD
CB0~CB7
Data Strobe Inputs/Outputs
1 pin
Front Side
64 pin 65 pin
120 pin
121 pin
Back Side
184 pin 185 pin
240 pin


Similar Part No. - HYMP512R72X

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R724-E3/C4 HYNIX-HYMP512R724-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R728-E3 HYNIX-HYMP512R728-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R728-E3/C4 HYNIX-HYMP512R728-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP512R72X

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
Micron Technology
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com