Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP125R72MP4-E3 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HYMP125R72MP4-E3
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP125R72MP4-E3 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HYMP125R72MP4-E3 Datasheet HTML 4Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 5Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 6Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 7Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 8Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 9Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 10Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 11Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Rev. 1.0 / Apr. 2005
8
1
240pin Registered DDR2 SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
1GB(64Mbx72) : HYMP512R724
/R S0
VS S
D0
DQ S
/ CS
DM
I/ O0
I/O1
I/O2
I/O3
DQ0
DQ1
DQ2
DQ3
/D Q S0
/D Q S
DQ S0
D1
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S1
/DQ S
DQS1
D2
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
DQ16
DQ17
DQ18
DQ19
/D Q S2
/DQ S
DQS2
D3
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S3
/DQ S
DQS3
D4
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S4
/DQ S
DQS4
D5
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S5
/DQ S
DQS5
D6
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S6
/DQ S
DQS6
D7
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S7
/DQ S
DQS7
D8
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
CB0
CB1
CB2
CB3
/D Q S8
/DQ S
DQS8
D9
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
DQ4
DQ5
DQ6
DQ7
/D Q S9
/DQ S
DQS9
D10
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S10
/D Q S
DQS10
D11
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S11
/D Q S
DQS11
D12
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S12
/D Q S
DQS12
D13
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S13
/D Q S
DQS13
D14
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/D Q S14
/D Q S
DQS14
D15
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/DQ S15
/D Q S
DQ S15
D16
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
/DQ S16
/D Q S
DQS16
D17
DQS
/ CS
DM
I/O0
I/O1
I/O2
I/O3
CB4
CB5
CB6
CB7
/D Q S17
/D Q S
DQS17
DQ60
DQ61
DQ62
DQ63
DQ52
DQ53
DQ54
DQ55
DQ44
DQ45
DQ46
DQ47
DQ36
DQ37
DQ38
DQ39
DQ28
DQ29
DQ30
DQ31
DQ20
DQ21
DQ22
DQ23
DQ12
DQ13
DQ14
DQ15
DQ8
DQ9
DQ10
DQ11
DQ24
DQ25
DQ26
DQ27
DQ32
DQ33
DQ34
DQ35
DQ40
DQ41
DQ42
DQ43
DQ48
DQ49
DQ50
DQ51
DQ56
DQ57
DQ58
DQ59
*
/S 0 connects to D/C S of R egister1 and /C SR of R egister2. /C SR of register and D/C S of register2 connects to V D D.
** /R E SET,PC K 7 connect to both R egisters. O ther signals connect to one of two R egisters. /S1,C K E1 and O D T1 are N C .
P
L
L
O E
CK 0
/C K0
/R ESET
PCK0 to PCK6, PCK8,PCK9 = > CK : SDRAM x D0-D17
/PCK0 to /PCK6, /PCK8,/P CK9 = > /CK : SDRAM x D0-D17
P CK 7 = > CK : R egister
/PCK7 = > /CK: Register
SA0
SA 1
SA 2
W
P
SC L
SD A
A0
A1
A 2
Serial PD
SC L
U0
SD A
VDD SPD
V REF
VDD/V DDQ
VSS
Serial
PD
DO- D 17
DO- D 17
DO- D 17
1. R esistor values are 22 O hm s +/- 5% .
Notes:
ODT0
CKE 0
/P CK 7
/W E
R
E
G
I
S
T
E
R
PC K7
/R ES ET
/C AS
/RA S
BA 0 to BA 1
A0 to A13
/C S 0*
RODT0 ==> ODT0: S DRA M s D0 to D17
/R W E ==> /W E: SD R AM s D 0 to D 17
R C KE 0 ==> C KE: S D RA M s D 0 to D 17
/RCAS ==>/CAS : S DRA M s D 0 to D17
/RRAS ==>/RAS : S DRA M s D 0 to D17
/R A 0 to R A 13 ==> A0 to A 13: SD R AM s D 0 to D 17
R BA0 to R BA 1 ==> BA0 to BA 1: SD R AM s D 0 to D 17
/RS 0 to /C S ==> /CS : SD R AM s D 0 to D 17
/R ST


Similar Part No. - HYMP125R72MP4-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP125F72CP8D3-C4 HYNIX-HYMP125F72CP8D3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-S5 HYNIX-HYMP125F72CP8D3-S5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-S6 HYNIX-HYMP125F72CP8D3-S6 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-Y5 HYNIX-HYMP125F72CP8D3-Y5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D5-C4 HYNIX-HYMP125F72CP8D5-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP125R72MP4-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com