Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9175EUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9175EUB
Description  670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9175EUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9175EUB Datasheet HTML 1Page - Maxim Integrated Products MAX9175EUB Datasheet HTML 2Page - Maxim Integrated Products MAX9175EUB Datasheet HTML 3Page - Maxim Integrated Products MAX9175EUB Datasheet HTML 4Page - Maxim Integrated Products MAX9175EUB Datasheet HTML 5Page - Maxim Integrated Products MAX9175EUB Datasheet HTML 6Page - Maxim Integrated Products MAX9175EUB Datasheet HTML 7Page - Maxim Integrated Products MAX9175EUB Datasheet HTML 8Page - Maxim Integrated Products MAX9175EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX9174/MAX9175 are 670MHz, low-jitter, low-
skew 1:2 splitters ideal for protection switching, loop-
back, and clock and signal distribution. The devices
feature ultra-low 1.0ps(RMS) random jitter (max) that
ensures reliable operation in high-speed links that are
highly sensitive to timing errors.
The MAX9174 has a fail-safe LVDS input and LVDS out-
puts. The MAX9175 has an anything differential input
(CML/LVDS/LVPECL) and LVDS outputs. The outputs
can be put into high impedance using the power-down
inputs. The MAX9174 features a fail-safe circuit that dri-
ves the outputs high when the input is open, undriven
and shorted, or undriven and terminated. The MAX9175
has a bias circuit that forces the outputs high when the
input is open. The power-down inputs are compatible
with standard LVTTL/LVCMOS logic. The power-down
inputs tolerate undershoot of -1V and overshoot of VCC
+ 1V. The MAX9174/MAX9175 are available in 10-pin
µMAX and 10-lead thin QFN with exposed pad pack-
ages, and operate from a single +3.3V supply over the
-40
°C to +85°C temperature range.
Applications
Protection Switching
Loopback
Clock Distribution
Features
o 1.0ps(RMS) Jitter (max) at 670MHz
o 80ps(P-P) Jitter (max) at 800Mbps Data Rate
o +3.3V Supply
o LVDS Fail-Safe Inputs (MAX9174)
o Anything Input (MAX9175) Accepts Differential
CML/LVDS/LVPECL
o Power-Down Inputs Tolerate -1.0V and VCC + 1.0V
o Low-Power CMOS Design
o 10-Lead µMAX and Thin QFN Packages
o -40°C to +85°C Operating Temperature Range
o Conform to ANSI TIA/EIA-644 LVDS Standard
o IEC 61000-4-2 Level 4 ESD Rating
670MHz LVDS-to-LVDS and Anything-to-LVDS
1:2 Splitters
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
CLK IN
ASIC
CLOCK DISTRIBUTION
CLK IN
ASIC
CLK1
CLK2
MAX9174
MAX9174
MAX9176
MAX9176
Typical Application Circuit
19-2827; Rev 0; 4/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX9174EUB
-40
°C to +85°C
10 µMAX
MAX9174ETB*
-40
°C to +85°C
10 Thin QFN-EP**
MAX9175EUB
-40
°C to +85°C
10 µMAX
MAX9175ETB*
-40
°C to +85°C
10 Thin QFN-EP**
*Future product—contact factory for availability.
**EP = Exposed paddle.
Functional Diagram and Pin Configurations appear at end
of data sheet.


Similar Part No. - MAX9175EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX917 MAXIM-MAX917 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9170ESE MAXIM-MAX9170ESE Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
MAX9170EUE MAXIM-MAX9170EUE Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
More results

Similar Description - MAX9175EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
MAX9376 MAXIM-MAX9376_09 Datasheet
110Kb / 8P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 1; 10/09
MAX9390 MAXIM-MAX9390 Datasheet
372Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
MAX9375 MAXIM-MAX9375 Datasheet
135Kb / 6P
   Single LVDS/Anything-to-LVPECL Translator
Rev 0; 4/03
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
MAX9390 MAXIM-MAX9390_07 Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9392 MAXIM-MAX9392_07 Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com