Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMC-PHB9-TV0C5 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # ASMC-PHB9-TV0C5
Description  Envisium Power PLCC-4 Surface Mount LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ASMC-PHB9-TV0C5 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  ASMC-PHB9-TV0C5 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0C5 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0C5 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0C5 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0C5 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0C5 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0C5 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0C5 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ASMC-PHB9-TV0C5 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative intensity vs. forward current.
Figure 4. Maximum forward current vs. ambient
temperature. Derated based on TJMAX = 125°C,
RqJA = 300
°C/W.
Figure 5. Radiation pattern.
WAVELENGTH – nm
1.0
0.8
0
380
480
580
680
730
780
630
530
430
AMBER
0.6
0.4
0.2
RED ORANGE
RED
0.1
0.3
0.5
0.7
0.9
0
FORWARD VOLTAGE – V
0
20
70
80
40
10
50
30
60
4
3
12
020
DC FORWARD CURRENT – mA
0
0.4
75
35
45
40
50 55 60 65 70
0.8
0.2
1.0
10
0.6
1.2
25
515
30
1.4
0
80
0
20
60
80
120
AMBIENT TEMPERATURE –
°C
40
50
60
30
40
20
10
70
100
1.0
0
ANGLE – DEGREES
0.8
0.7
0.5
0.3
0.1
0.9
0.6
0.2
0.4
-70
-50
-30
30
50
70
90
-90
-10
10


Similar Part No. - ASMC-PHB9-TV0C5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PHB9-TW005 AVAGO-ASMC-PHB9-TW005 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PHB9-TW005 BOARDCOM-ASMC-PHB9-TW005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PHB9-TXXX5 AVAGO-ASMC-PHB9-TXXX5 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
More results

Similar Description - ASMC-PHB9-TV0C5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com