Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC1427CN Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC1427CN
Description  Dual 1.2A-Peak Low-Side MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1427CN Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC1427CN Datasheet HTML 1Page - Micrel Semiconductor MIC1427CN Datasheet HTML 2Page - Micrel Semiconductor MIC1427CN Datasheet HTML 3Page - Micrel Semiconductor MIC1427CN Datasheet HTML 4Page - Micrel Semiconductor MIC1427CN Datasheet HTML 5Page - Micrel Semiconductor MIC1427CN Datasheet HTML 6Page - Micrel Semiconductor MIC1427CN Datasheet HTML 7Page - Micrel Semiconductor MIC1427CN Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image


Similar Part No. - MIC1427CN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC10937 MICREL-MIC10937 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937J-40 MICREL-MIC10937J-40 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937P-40 MICREL-MIC10937P-40 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937P-50 MICREL-MIC10937P-50 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937PE-40 MICREL-MIC10937PE-40 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
More results

Similar Description - MIC1427CN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4467 MICREL-MIC4467_05 Datasheet
205Kb / 8P
   Quad 1.2A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4467 MICREL-MIC4467 Datasheet
80Kb / 7P
   Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
logo
Microchip Technology
MIC4467 MICROCHIP-MIC4467 Datasheet
1Mb / 18P
   Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426_05 Datasheet
269Kb / 9P
   Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4123 MICREL-MIC4123 Datasheet
360Kb / 11P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4426 MICREL-MIC4426 Datasheet
99Kb / 8P
   Dual 1.5A-Peak Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com