Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30181A Datasheet(PDF) 10 Page - NEC

Part # UPD30181A
Description  64-/32-BIT MICROPROCESSOR
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30181A Datasheet(HTML) 10 Page - NEC

Back Button UPD30181A Datasheet HTML 6Page - NEC UPD30181A Datasheet HTML 7Page - NEC UPD30181A Datasheet HTML 8Page - NEC UPD30181A Datasheet HTML 9Page - NEC UPD30181A Datasheet HTML 10Page - NEC UPD30181A Datasheet HTML 11Page - NEC UPD30181A Datasheet HTML 12Page - NEC UPD30181A Datasheet HTML 13Page - NEC UPD30181A Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
Data Sheet U16277EJ1V0DS
10
µµµµPD30181A, 30181AY
1. PIN FUNCTIONS
Remark # indicates active low.
1.1 Pin Functions
(1) System bus interface signals
(1/3)
Signal Name
I/O
Function
Alternate Function
A24
O
CKE1
A23
O
RP#
A(22:15)
O
Address bus
These pins are used to specify system bus addresses.
They are used to access ROM, flash memory, SRAM, ISA devices, PC
Cards, IDE (ATA) devices, and general-purpose devices.
GPIO(61:54)
SA10
O
Address bit 10 for SDRAM or SyncFlash memory
Instead of connecting to A10, connect this pin (SA10) to address bit 10 in
SDRAM or SyncFlash memory.
A(14:0)
O
Address bus
These pins are used to specify system bus addresses.
They are used to access SDRAM, SyncFlash memory, ROM, flash
memory, SRAM, ISA devices, CompactFlash/PC Cards, IDE (ATA)
devices, and general-purpose devices.
D(31:0)
I/O
Data bus
These pins are used to transfer data to the VR4181A and SDRAM,
SyncFlash memory, ROM, flash memory, SRAM, ISA devices,
CompactFlash/PC Cards, IDE (ATA) devices, and general-purpose
devices.
PCS(4:0)#
O
Programmable chip select
These pins can be set as active when the VR4181A accesses ROM, flash
memory, SRAM, and general-purpose devices. They can be connected
only to devices that are not subject to bus sizing via the IOCS16# pin.
ROMCS#
O
Boot ROM chip select
This pin can be set as active when the VR4181A accesses boot ROM or
flash memory. When the BMODE(1:0) pin status is 01 and the RTCRST#
signal has been cleared, the VR4181A fetches the boot code from a
device connected to the ROMCS# pin to activate this pin.
MEMRD#
O
System bus memory read
This pin becomes active when the VR4181A reads data from any of the
following devices.
• ROM, flash memory, SRAM, or general-purpose devices controlled by
the ROMCS# pin or PCS# pin
• External ISA bus memory space devices and CompactFlash/PC Card
memory space devices


Similar Part No. - UPD30181A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
UPD30181GM-66-8ED NEC-UPD30181GM-66-8ED Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
More results

Similar Description - UPD30181A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
UPD30550 NEC-UPD30550 Datasheet
949Kb / 27P
   VR5500??64-/32-BIT MICROPROCESSOR
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
   VR4121TM 64-/32-BIT MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com