Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30181GM-66-8ED Datasheet(PDF) 9 Page - NEC

Part # UPD30181GM-66-8ED
Description  64-/32-Bit Microprocessor
Download  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30181GM-66-8ED Datasheet(HTML) 9 Page - NEC

Back Button UPD30181GM-66-8ED Datasheet HTML 5Page - NEC UPD30181GM-66-8ED Datasheet HTML 6Page - NEC UPD30181GM-66-8ED Datasheet HTML 7Page - NEC UPD30181GM-66-8ED Datasheet HTML 8Page - NEC UPD30181GM-66-8ED Datasheet HTML 9Page - NEC UPD30181GM-66-8ED Datasheet HTML 10Page - NEC UPD30181GM-66-8ED Datasheet HTML 11Page - NEC UPD30181GM-66-8ED Datasheet HTML 12Page - NEC UPD30181GM-66-8ED Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 444 page
background image
User’s Manual U14272EJ3V0UM
9
Major Revisions in This Edition (4/5)
Page
Description
p. 333
Modification of signal names in Figure 17-1. CompactFlash Interrupt Logic
p. 333
Modification of description for bit 0 in 17.3.3 CFG_REG_1 (0x0B00 08FE)
p. 336
Addition of Caution for bit 4 in 17.4.3 PWRRSETDRV (Index: 0x02)
p. 337
Modification of description for bit 7 in 17.4.4 ITGENCREG (Index: 0x03)
p. 338
Modification of description and addition of Caution for bit 0 in 17.4.5 CDSTCHGREG (Index: 0x04)
p. 341
Modification of descriptions for bits 7, 4, 3, and 0 in 17.4.8 IOCTRL_REG (Index: 0x07)
p. 344
Modification of description for bit 6 in 17.4.14 MEMWIDn_REG (Index: 0x11, 0x19, 0x21, 0x29,
0x31)
p. 345
Modification of description for bits 7 and 6 and addition of description in 17.4.16 MEMSELn_REG
(Index: 0x13, 0x1B, 0x23, 0x2B, 0x33)
p. 346
Addition of description in 17.4.17 MEMOFFLnREG (Index: 0x14, 0x1C, 0x24, 0x2C, 0x34)
p. 346
Modification of Remark for bits 5 to 0 in 17.4.18 MEMOFFHnREG (Index: 0x15, 0x1D, 0x25, 0x2D,
0x35)
p. 348
Modification of description for bit 2 in 17.4.20 GLOCTRLREG (Index: 0x1E)
p. 349
Modification of description for bits 1 and 0 and addition of description in 17.4.22 VOLTSELREG
(Index: 0x2F)
pp. 350, 351
Addition of 17.5 Memory Mapping of CompactFlash Card
p. 352
Addition of 17.6 Controlling Bus When CompactFlash Card Is Used
p. 356
Addition of function for bit 2 in 18.2.3 LEDCNTREG (0x0B00 0248)
p. 357
Modification of description in 18.2.4 LEDASTCREG (0x0B00 024A)
p. 359
Modification of figure in 18.3 Operation Flow
p. 360
Addition of Caution in 19.1 General
p. 361
Modification of description in Table 19-1. SIU1 Registers
pp. 362, 364, 376
Modification of values at reset in 19.3.1 through 19.3.3, 19.3.5, and 19.3.12
p. 365
Addition of description in Table 19-2. Correspondence between Baud Rates and Divisors
p. 368
Modification of descriptions for bits 2 to 0 in 19.3.7 SIUFC_1 (0x0C00 0012: Write)
p. 373
Modification of R/W and addition of description in 19.3.10 SIULS_1 (0x0C00 0015)
p. 375
Modification of descriptions for bits 7 to 4 in 19.3.11 SIUMS_1 (0x0C00 0016)
p. 377
Modification of R/W for bit 1 in 19.3.14 SIUACTMSK_1 (0x0C00 001C)
p. 379
Addition of description and Caution in 20.1 General
p. 380
Modification of description in Table 20-1. SIU2 Registers
pp. 381, 383, 395
Modification of values at reset in 20.3.1 through 20.3.3, 20.3.5, and 20.3.12
p. 384
Addition of description in Table 20-2. Correspondence between Baud Rates and Divisors
p. 387
Modification of descriptions for bits 2 to 0 in 20.3.7 SIUFC_2 (0x0C00 0002: Write)
p. 392
Modification of R/W and addition of description in 20.3.10 SIULS_2 (0x0C00 0005)
p. 394
Modification of descriptions for bits 7 to 4 in 20.3.11 SIUMS_2 (0x0C00 0006)
p. 395
Addition of description in 20.3.13 SIUIRSEL_2 (0x0C00 008)
p. 397
Modification of R/W for bit 1 in 20.3.16 SIUACTMSK_2 (0x0C00 000C)


Similar Part No. - UPD30181GM-66-8ED

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
UPD30181AF1-131-GA3 NEC-UPD30181AF1-131-GA3 Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
UPD30181AF1-131-GA3-A NEC-UPD30181AF1-131-GA3-A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
UPD30181AY NEC-UPD30181AY Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
UPD30181AYF1-131-GA3 NEC-UPD30181AYF1-131-GA3 Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
More results

Similar Description - UPD30181GM-66-8ED

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
UPD30550 NEC-UPD30550 Datasheet
949Kb / 27P
   VR5500??64-/32-BIT MICROPROCESSOR
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
   VR4121TM 64-/32-BIT MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com