Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24A5C100A Datasheet(PDF) 5 Page - Vicor Corporation

Part # V24A5C100A
Description  24Vin / 28Vout / 100Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24A5C100A Datasheet(HTML) 5 Page - Vicor Corporation

  V24A5C100A Datasheet HTML 1Page - Vicor Corporation V24A5C100A Datasheet HTML 2Page - Vicor Corporation V24A5C100A Datasheet HTML 3Page - Vicor Corporation V24A5C100A Datasheet HTML 4Page - Vicor Corporation V24A5C100A Datasheet HTML 5Page - Vicor Corporation V24A5C100A Datasheet HTML 6Page - Vicor Corporation V24A5C100A Datasheet HTML 7Page - Vicor Corporation V24A5C100A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Output Voltage Programming
The output voltage of the converter can be adjusted or
programmed via fixed resistors, potentiometers or voltage
DACs. See Figures 7 & 8.
Vicor Corporation Tel: 800-735-6200 Fax: 978-475-6715
Data Sheet: V24C28C100A DC-DC Converter Date: 11-00 Rev. 2
Page 5 of 8
CONTROL FUNCTIONS - SC PIN
Figure 8—Output voltage trim up circuit.
Figure 7—Output voltage trim down circuit.
RU (ohms) =
1,000 (Vout-1.23) Vnom
- 1,000
1.23 (Vout-Vnom)
RD (ohms) =
1,000 Vout
Vnom - Vout
RU
Trim Up
Load
Error
Amp
1k
1.23V
0.033
µF
+Out
SC
–Out
Load
RD
Trim Down
Error
Amp
1k
1.23V
0.033
µF
+Out
SC
–Out
Trim Down
1. This converter is not a constant power device – it has a
constant current limit. Hence, available output power is
reduced by the same percentage that output voltage is
trimmed down. Do not exceed maximum rated output current.
2. The trim down resistor must be connected to the –Out pin.
Trim Up
1. The converter is rated for a maximum delivered power. To ensure
that maximum rated power is not exceeded, reduce maximum
output current by the same percentage increase in output voltage.
2. The trim up resistor must be connected to the +Out pin.
3. Do not trim the converter above maximum trim range
(typically +10%) or the output over voltage
protection circuitry may be activated.
Trim values calculated automatically:
Resistor trim calculators are available on Vicor’s
web site at URL: www.vicr.com/tools.html
or by requesting a copy of Vicor’s
Applications Manual on a CD ROM.
Resistor values can be calculated for fixed
trim up, fixed trim down and for variable
trim up or down cases for both 1st and
2nd Generation DC-DC converters.
In addition to trimming information, the
web site and the applications manual on
CD ROM also include design tips,
applications circuits, EMC suggestions,
thermal design guidelines and PDF data
sheets for all available Vicor products.
Set your site on VICOR at www.vicr.com


Similar Part No. - V24A5C100A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A5C300B VICOR-V24A5C300B Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A5C300B2 VICOR-V24A5C300B2 Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A5C300B3 VICOR-V24A5C300B3 Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A5C300BF VICOR-V24A5C300BF Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A5C300BF2 VICOR-V24A5C300BF2 Datasheet
512Kb / 15P
   DC-DC Converter Module
More results

Similar Description - V24A5C100A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C28C100B VICOR-V24C28C100B Datasheet
173Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V24C24C100B VICOR-V24C24C100B Datasheet
173Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
V24C5C100B VICOR-V24C5C100B Datasheet
142Kb / 8P
   24Vin / 5Vout / 100Watts DC-DC Converter Module
V24C15C100B VICOR-V24C15C100B Datasheet
173Kb / 8P
   24Vin / 15Vout / 100Watts DC-DC Converter Module
V24C24C100A VICOR-V24C24C100A Datasheet
180Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
V24C48C100A VICOR-V24C48C100A Datasheet
180Kb / 8P
   24Vin / 48Vout / 100Watts DC-DC Converter Module
V24A28C400B VICOR-V24A28C400B Datasheet
150Kb / 8P
   24Vin / 28Vout / 400Watts DC-DC Converter Module
V24B28C200B VICOR-V24B28C200B Datasheet
148Kb / 8P
   24Vin / 28Vout / 200Watts DC-DC Converter Module
V24A28C400A VICOR-V24A28C400A Datasheet
194Kb / 8P
   24Vin / 28Vout / 400Watts DC-DC Converter Module
V300B28C250B VICOR-V300B28C250B Datasheet
145Kb / 8P
   300Vin / 28Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com